Electronic Components Datasheet Search
  English  ▼

X  

JF Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # JF
Description  15W Open Frame DC/DC Power Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JF Datasheet(HTML) 4 Page - Wall Industries,Inc.

  JF Datasheet HTML 1Page - Wall Industries,Inc. JF Datasheet HTML 2Page - Wall Industries,Inc. JF Datasheet HTML 3Page - Wall Industries,Inc. JF Datasheet HTML 4Page - Wall Industries,Inc. JF Datasheet HTML 5Page - Wall Industries,Inc. JF Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Rev. C
JF Series
Single Outputs
2:1 Input Voltage Range
15W DC/DC Power Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
11/11/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 4 of 6
CHARACTERISTIC CURVES
JF48S5-3000 Derating Curve
JF48S5-3000 Efficiency vs Input Voltage
JF48S5-3000 Efficiency vs Output Current
-40
-20
0
20
40
60
80
100
120
3.50
3.00
2.50
2.00
1.50
1.00
0.50
0.00
Natural Convection
1.0m/s(200LFM)
2.0m/s(400LFM)
3.0m/s(600LFM)
Ambient Temperature, Ta (°C)
82
83
84
85
86
87
88
89
90
36
40
44
48
52
56
60
64
68
75
Input Voltage, Vin (VDC)
Output Current, Iout (mA)
RECOMMENDED EMI FILTERS
Recommended Filter for EN55022 Class A Compliance
Recommended Filter for EN55022 Class B Compliance
Load
L1
+INPUT
-INPUT
+Vin
+Vout
-Vin
-Vout
DC/DC CONVERTER
C1
C3
C2
+INPUT
-INPUT
C1
C2
C3
L1
L2
C5
C4
LOAD
+Vin
+Vout
-Vin
-Vout
DC/DC CONVERTER
The components used in the figure above are as follows:
The components used in the figure above are as follows:
Recommended EN55022 Class A Filter Circuit Layout
Recommended EN55022 Class B Filter Circuit Layout
MODEL
C1 & C2
C3
C4 & C5
L1
L2
JF24Sxx-xxxx
6.8µF/50V
1812 MLCC
6.8µF/50V
1812 MLCC
470pF/3KV
1808 MLCC
145µH
Common Choke
PMT-051
10µF
SMT Inductor
PMT-047
JF48Sxx-xxxx
2.2µF/100V
1812 MLCC
2.2µF/100V
1812 MLCC
470pF/3KV
1808 MLCC
145µH
Common Choke
PMT-051
18µF
SMT Inductor
PMT-046
MODEL
C1
C2, C3
L1
JF24Sxx-xxxx
6.8µF/50V
1812 MLCC
470pF/3KV
1808 MLCC
10µF
SMT Inductor
PMT-047
JF48Sxx-xxxx
2.2µF/100V
1812 MLCC
470pF/3KV
1808 MLCC
18µF
SMT Inductor
PMT-046



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com