Electronic Components Datasheet Search
  English  ▼

X  

JF Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # JF
Description  15W Open Frame DC/DC Power Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JF Datasheet(HTML) 5 Page - Wall Industries,Inc.

  JF Datasheet HTML 1Page - Wall Industries,Inc. JF Datasheet HTML 2Page - Wall Industries,Inc. JF Datasheet HTML 3Page - Wall Industries,Inc. JF Datasheet HTML 4Page - Wall Industries,Inc. JF Datasheet HTML 5Page - Wall Industries,Inc. JF Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Rev. C
JF Series
Single Outputs
2:1 Input Voltage Range
15W DC/DC Power Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
11/11/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 5 of 6
MECHANICAL DRAWING
DIP TYPE (Standard)
SMT TYPE (Suffix “S”)
PRODUCT OPTIONS
Option
Suffix
Positive Remote ON/OFF with DIP (standard)
No Suffix
Positive remote ON/OFF with SMT
S
Negative Remote ON/OFF with DIP
R
Negative Remote ON/OFF with SMT
SR
DIP type without ON/OFF pin
D
SMT type without ON/OFF pin
SD
DIP type without ON/OFF & TRIM pin
G
SMT type without ON/OFF & TRIM pin
SG
DIP type, negative remote ON/OFF, without TRIM pin
F
SMT type, negative remote ON/OFF, without TRIM pin
SF
DIP type, positive remote ON/OFF, without TRIM pin
J
SMT type, positive remote ON/OFF, without TRIM pin
SJ
ETERNAL OUTPUT TRIMMING
Output can be externally trimmed by using
the method shown below.
TRIM DOWN
4
5
RD
TRIM UP
5
6
RU
PIN CONNECTIONS
PIN
JF SERIES
1
+INPUT
2
-INPUT
3
CTRL
4
+OUTPUT
5
TRIM
6
-OUTPUT
1. Unit: inches (mm)
2. Tolerance: X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
3. Pin pitch tolerance: ±0.01 (±0.25)
4. Pin dimension tolerance: ±0.004 (±0.1)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com