Electronic Components Datasheet Search
  English  ▼

X  

JR Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # JR
Description  10 Watt DC/DC Power Converters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JR Datasheet(HTML) 3 Page - Wall Industries,Inc.

  JR Datasheet HTML 1Page - Wall Industries,Inc. JR Datasheet HTML 2Page - Wall Industries,Inc. JR Datasheet HTML 3Page - Wall Industries,Inc. JR Datasheet HTML 4Page - Wall Industries,Inc. JR Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev. D
JR Series
Single & Dual Outputs
2:1 Input Voltage Ranges
10 Watt DC/DC Power Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
04/20/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 5
MODEL SELECTION TABLES
NOTES
1. Models with a 4.5~9VDC input voltage range require a minimum order.
2. BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40°C.
MIL-HDBK-217F Notice2 @Ta=25°C, Full load (Ground, Benign, controlled environment).
3. Maximum value at nominal input voltage and full load.
4. Typical value at nominal input voltage and no load.
5. Typical value at nominal input voltage and full load.
6. Test by minimum Vin and constant resistive load.
7. The on/off control pin is referenced to –Vin.
To order positive logic remote on/off, add the suffix “P” to the model number (Ex: JR24S15-660P).
To order negative logic remote on/off, add the suffix “R” to the model number (Ex: JR24S15-660R).
8. “I” type models are more efficient; therefore, they can be operated over a more extensive temperature range than the standard version.
To order extended operating temperature range, add the suffix “-I” to the model number (Ex: JR24S15-660-I).
9. Heatsink is optional and P/N: 7G-0020C-F.
10. The JR series can meet EN55022 Class A with external capacitors in parallel connected to the input pins.
Recommended: 12Vin: 4.7µF/25V 1210 MLCC
24Vin: 2.2µF/50V 1812 MLCC
48Vin: 1.5µF/100V 1812 MLCC
11. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5. The filter capacitor suggested is Nippon
chemi-con KY series, 220μF /100V, ESR 48mΩ.
CAUTION: This power module is not internally fused. An input line fuse must always be used.
SINGLE OUTPUT MODELS
Output Current
Input Current
Model
(1)
Number
Input Voltage
Range
Output
Voltage
Min. Load
Full Load
No Load
(4)
Full Load
(3)
Output
(5)
Ripple & Noise
Output
Power
Efficiency
(5)
Maximum
(6)
Capacitive Load
JR5S5-2000
5 VDC
0mA
2000mA
-
2500mA
50mVp-p
10W
79%
7900μF
JR5S12-830
12 VDC
0mA
830mA
-
2350mA
50mVp-p
10W
82%
2200μF
JR5S15-660
5 VDC
(4.5 – 9 VDC)
15VDC
0mA
670mA
-
2348mA
50mVp-p
10W
82%
1470μF
JR12S33-2000
3.3 VDC
0mA
2000mA
17mA
724mA
50mVp-p
6.6W
80%
6800µF
JR12S5-2000
5 VDC
0mA
2000mA
21mA
1082mA
50mVp-p
10W
81%
4700µF
JR12S12-830
12 VDC
0mA
830mA
38mA
1037mA
50mVp-p
10W
84%
690µF
JR12S15-660
12 VDC
(9 – 18 VDC)
15 VDC
0mA
670mA
36mA
1046mA
50mVp-p
10W
84%
470µF
JR24S33-2000
3.3 VDC
0mA
2000mA
15mA
362mA
50mVp-p
6.6W
80%
6800µF
JR24S5-2000
5 VDC
0mA
2000mA
22mA
534mA
50mVp-p
10W
82%
4700µF
JR24S12-830
12 VDC
0mA
830mA
18mA
519mA
50mVp-p
10W
84%
690µF
JR24S15-660
24 VDC
(18 – 36 VDC)
15 VDC
0mA
670mA
36mA
523mA
50mVp-p
10W
84%
470µF
JR48S33-2000
3.3 VDC
0mA
2000mA
11mA
181mA
50mVp-p
6.6W
80%
6800µF
JR48S5-2000
5 VDC
0mA
2000mA
14mA
260mA
50mVp-p
10W
84%
4700µF
JR48S12-830
12 VDC
0mA
830mA
14mA
253mA
50mVp-p
10W
86%
690µF
JR48S15-660
48 VDC
(36 – 75 VDC)
15 VDC
0mA
670mA
10mA
252mA
50mVp-p
10W
87%
470µF
DUAL OUTPUT MODELS
Output Current
Input Current
Model
(1)
Number
Input Voltage
Range
Output
Voltage
Min. Load
Full Load
No Load
(4)
Full Load
(3)
Output
(5)
Ripple & Noise
Output
Power
Efficiency
(5)
Maximum
(6)
Capacitive Load
JR5D5-1000
±5 VDC
0mA
±1000mA
-
2461mA
75mVp-p
10W
80%
±5060μF
JR5D12-420
±12 VDC
0mA
±416mA
-
2503mA
75mVp-p
10W
80%
±1034μF
JR5D15-330
5 VDC
(4.5 – 9 VDC)
±15VDC
0mA
±333mA
-
2393mA
75mVp-p
10W
81%
±660μF
JR12D5-1000
±5 VDC
0mA
±1000mA
39mA
1042mA
75mVp-p
10W
84%
±680µF
JR12D12-420
±12 VDC
0mA
±416mA
47mA
1053mA
75mVp-p
10W
83%
±330µF
JR12D15-330
12 VDC
(9 – 18 VDC)
±15 VDC
0mA
±333mA
45mA
1041mA
75mVp-p
10W
84%
±110µF
JR24D5-1000
±5 VDC
0mA
±1000mA
28mA
527mA
75mVp-p
10W
83%
±680µF
JR24D12-420
±12 VDC
0mA
±416mA
24mA
513mA
75mVp-p
10W
85%
±330µF
JR24D15-330
24 VDC
(18 – 36 VDC)
±15 VDC
0mA
±333mA
31mA
520mA
75mVp-p
10W
84%
±110µF
JR48D5-1000
±5 VDC
0mA
±1000mA
16mA
260mA
75mVp-p
10W
84%
±680µF
JR48D12-420
±12 VDC
0mA
±416mA
19mA
254mA
75mVp-p
10W
86%
±330µF
JR48D15-330
48 VDC
(36 – 75 VDC)
±15 VDC
0mA
±333mA
16mA
256mA
75mVp-p
10W
85%
±110µF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com