Electronic Components Datasheet Search
  English  ▼

X  

JR Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # JR
Description  10 Watt DC/DC Power Converters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JR Datasheet(HTML) 1 Page - Wall Industries,Inc.

  JR Datasheet HTML 1Page - Wall Industries,Inc. JR Datasheet HTML 2Page - Wall Industries,Inc. JR Datasheet HTML 3Page - Wall Industries,Inc. JR Datasheet HTML 4Page - Wall Industries,Inc. JR Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
04/20/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 5
DATASHEET
Rev. D
JR SERIES
2:1 Wide Input Voltage Ranges
Standard 2.0” x 1.0” x 0.4” Package
Single and Dual Outputs
10 Watt DC/DC Power Converters
APPLICATIONS
 Wireless Networks
 Telecom / Datacom
 Measurement Equipment
 Industry Control Systems
Semiconductor Equipment
OPTIONS
 Positive Remote ON/OFF (Suffix “P”)
 Negative Remote ON/OFF (Suffix “R”)
Extended Operating Temperature Range (Suffix “-I”)
Heatsink (Suffix “HS”)
FEATURES
 10 Watts Maximum Output Power
 Single and Dual Outputs
 Standard 2.0” x 1.0” x 0.4” Package
 2:1 Wide Input Voltage Ranges
 High Efficiency up to 87%
 No Minimum Load Requirement
 1600VDC I/O Isolation
 Positive or Negative Remote ON/OFF Control Option
 Fixed Switching Frequency: 300KHz
 Over Voltage, Over Load, and Short Circuit Protected
 Extended Operating Temperature Range Available
 Six-Sided Continuous Shielding
 CE Mark Meets 2006/95/EC, 93/68/EEC, and 2004/108/EC
 UL60950-1, EN60950-1, and IEC60950-1 Safety Approvals
 Compliant to RoHS EU Directive 2002/95/EC
 UL94V-0 Compliant
DESCRIPTION
The JR series of DC/DC power converters provides 10 watts of output power in a 2.0 x 1.0 x 0.4 inch industry standard
package and footprint. This series has single and dual output models with 2:1 wide input voltage ranges of 9-18VDC, 18-
36VDC, and 36-75VDC. Some features include high efficiency up to 87%, 1600VDC I/O isolation, and six-sided
shielding. All models are also protected against over voltage, over load, and short circuit conditions. This series is RoHS
and UL94V-0 compliant and has UL60950-1, EN60950-1, and IEC60950-1 safety approvals.


Similar Description - JR

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM10EW-C AIMTEC-AM10EW-C Datasheet
288Kb / 2P
10 watt dc-dc converters
logo
Wall Industries,Inc.
DCHUB10H WALL-DCHUB10H Datasheet
350Kb / 4P
10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10 Datasheet
157Kb / 6P
10 Watt DC/DC Power Converters
JFC10 WALL-JFC10 Datasheet
160Kb / 5P
10 Watt DC/DC Power Converters
JFCW10 WALL-JFCW10 Datasheet
762Kb / 5P
10 Watt DC/DC Power Converters
JRW WALL-JRW Datasheet
347Kb / 5P
10 Watt DC/DC Power Converters
DCHUB10H WALL-DCHUB10H_16 Datasheet
449Kb / 4P
10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10_18 Datasheet
893Kb / 6P
10 Watt DC/DC Power Converters
JFCW10 WALL-JFCW10_16 Datasheet
583Kb / 5P
10 Watt DC/DC Power Converters
JFC10 WALL-JFC10_16 Datasheet
469Kb / 5P
10 Watt DC/DC Power Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com