Electronic Components Datasheet Search
  English  ▼

X  

STP16DPPS05TTR Datasheet(PDF) 6 Page - STMicroelectronics

Part # STP16DPPS05TTR
Description  Low voltage 16-bit constant current LED sink driver with output error detection and auto power-saving
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16DPPS05TTR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STP16DPPS05TTR Datasheet HTML 2Page - STMicroelectronics STP16DPPS05TTR Datasheet HTML 3Page - STMicroelectronics STP16DPPS05TTR Datasheet HTML 4Page - STMicroelectronics STP16DPPS05TTR Datasheet HTML 5Page - STMicroelectronics STP16DPPS05TTR Datasheet HTML 6Page - STMicroelectronics STP16DPPS05TTR Datasheet HTML 7Page - STMicroelectronics STP16DPPS05TTR Datasheet HTML 8Page - STMicroelectronics STP16DPPS05TTR Datasheet HTML 9Page - STMicroelectronics STP16DPPS05TTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Electrical ratings
STP16DPPS05
6/35
DocID15817 Rev 3
2.3
Recommended operating conditions
Table 6. Recommended operating conditions
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VDD
Supply voltage
3.0
-
5.5
V
VO
Output voltage
-
20
V
IO
Output current
OUTn
3
-
40
mA
IOH
Output current
SERIAL-OUT
-
+1
mA
IOL
Output current
SERIAL-OUT
-
-1
mA
VIH
Input voltage
0.7 VDD
-VDD
V
VIL
Input voltage
-0.3
-
0.3 VDD
V
twLAT
LE/DM1 pulse width
VDD = 3.0 V to 5.0 V
20
-
ns
twCLK
CLK pulse width
10
-
ns
twEN
OE/DM2 pulse width
100
-
ns
tSETUP(D) Setup time for DATA
8
-
ns
tHOLD(D) Hold time for DATA
5
-
ns
tSETUP(L) Setup time for LATCH
8
-
ns
fCLK
Clock frequency
Cascade operation (1)
1.
If the device is connected in cascade, it may not be possible achieve the maximum data transfer.
Please consider the timings carefully.
-30
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com