Electronic Components Datasheet Search
  English  ▼

X  

STP16DPPS05TTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP16DPPS05TTR
Description  Low voltage 16-bit constant current LED sink driver with output error detection and auto power-saving
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16DPPS05TTR Datasheet(HTML) 1 Page - STMicroelectronics

  STP16DPPS05TTR Datasheet HTML 1Page - STMicroelectronics STP16DPPS05TTR Datasheet HTML 2Page - STMicroelectronics STP16DPPS05TTR Datasheet HTML 3Page - STMicroelectronics STP16DPPS05TTR Datasheet HTML 4Page - STMicroelectronics STP16DPPS05TTR Datasheet HTML 5Page - STMicroelectronics STP16DPPS05TTR Datasheet HTML 6Page - STMicroelectronics STP16DPPS05TTR Datasheet HTML 7Page - STMicroelectronics STP16DPPS05TTR Datasheet HTML 8Page - STMicroelectronics STP16DPPS05TTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
This is information on a product in full production.
June 2014
DocID15817 Rev 3
1/35
STP16DPPS05
Low voltage 16-bit constant current LED sink driver with output error
detection and auto power-saving
Datasheet
- production data
Features
• Low voltage power supply down to 3 V
• 16 constant current output channels
• Adjustable output current through external
resistor
• Short and open output error detection
• Serial data IN/parallel data OUT
• Auto power-saving
• 3.3 V MCU-driving capability
• Output current: 3 to 40 mA
• 30 MHz clock frequency
• Available in high thermal efficiency TSSOP
exposed pad
• ESD protection: 2 kV HBM, 200 V MM
Description
The STP16DPPS05 is a monolithic, low voltage,
low current power 16-bit shift register designed for
LED panel displays. The device features a 16-bit
serial-in, parallel-out shift register that feeds a
16-bit D-type storage register. In the output stage,
sixteen regulated current sources are designed to
provide 3 to 40 mA of constant current to drive the
LEDs. The STP16DPPS05 features open and
short LED detection on the outputs. The detection
circuit checks for 3 different conditions that can
occur on the output line: short to GND, short to VO
or open line. The data detection results are
loaded in the shift registers and shifted out via the
serial line output. The detection functionality is
implemented without increasing the pin count,
through a secondary function of the output enable
and latch pin (DM1 and DM2 respectively). A
dedicated logic sequence allows the device to
enter or exit from detection mode. The
STP16DPPS05 output current can be adjusted
through an external resistor to control the light
intensity of the LEDs. LED brightness is
adjustable from 0% to 100% via the OE/DM2 pin.
The auto power-shutdown and auto power-ON
feature allows the device to save power with no
external intervention. The STP16DPPS05
guarantees a 20 V output driving capability,
allowing users to connect more LEDs in series.
The high 30 MHz clock frequency makes the
device suitable for high data rate transmission.
The 3.3 V supply is well suited for applications
which interface a 3.3 V MCU. Compared to a
standard TSSOP package, the TSSOP with
exposed pad increases heat dissipation capability
by a factor of 2.5
SO-24
TSSOP24
TSSOP24
(exposed pad)
QSOP-24
Table 1. Device summary
Order codes
Package
Packaging
STP16DPPS05MTR
SO-24 (tape and reel)
1000 parts per reel
STP16DPPS05TTR
TSSOP24 (tape and reel)
2500 parts per reel
STP16DPPS05XTTR
TSSOP24 exposed pad
(tape and reel)
2500 parts per reel
STP16DPPS05PTR
QSOP-24
2500 parts per reel
www.st.com


Similar Part No. - STP16DPPS05TTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP16DPP05 STMICROELECTRONICS-STP16DPP05 Datasheet
1Mb / 34P
Low voltage 16-bit constant current LED sink driver with output error detection
April 2017 Rev 4
STP16DPP05MTR STMICROELECTRONICS-STP16DPP05MTR Datasheet
1Mb / 34P
Low voltage 16-bit constant current LED sink driver with output error detection
April 2017 Rev 4
STP16DPP05PTR STMICROELECTRONICS-STP16DPP05PTR Datasheet
1Mb / 34P
Low voltage 16-bit constant current LED sink driver with output error detection
April 2017 Rev 4
STP16DPP05TTR STMICROELECTRONICS-STP16DPP05TTR Datasheet
1Mb / 34P
Low voltage 16-bit constant current LED sink driver with output error detection
April 2017 Rev 4
STP16DPP05XTTR STMICROELECTRONICS-STP16DPP05XTTR Datasheet
1Mb / 34P
Low voltage 16-bit constant current LED sink driver with output error detection
April 2017 Rev 4
More results

Similar Description - STP16DPPS05TTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5027 ETC-MBI5027 Datasheet
450Kb / 24P
16 BIT CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
MBI5169 ETC-MBI5169 Datasheet
1Mb / 19P
8 bit CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
MBI5029 ETC1-MBI5029 Datasheet
702Kb / 31P
16-Bit Constant Current LED Sink Driver with Error Detection and Current Adjust
logo
STMicroelectronics
STP16CPS05 STMICROELECTRONICS-STP16CPS05 Datasheet
643Kb / 26P
Low voltage 16-Bit constant current LED sink driver with auto power saving
28-Jul-2006
STP16DP05 STMICROELECTRONICS-STP16DP05 Datasheet
598Kb / 28P
Low voltage 16-bit constant current LED sink driver with outputs error detection
10-Jul-2007
STP16DP05 STMICROELECTRONICS-STP16DP05_08 Datasheet
671Kb / 29P
Low voltage 16-bit constant current LED sink driver with outputs error detection
28-Feb-2008
STP24DP05 STMICROELECTRONICS-STP24DP05 Datasheet
470Kb / 26P
24-bit constant current LED sink driver with output error detection
19-Apr-2008
STP16DPS05 STMICROELECTRONICS-STP16DPS05 Datasheet
1Mb / 34P
Low voltage 16-bit constant current LED Sink driver with outputs error detection
22-Jan-2010
STP16CPPS05 STMICROELECTRONICS-STP16CPPS05 Datasheet
1Mb / 31P
Low voltage 16-bit constant current LED sink driver with auto power-saving
March 2017 Rev 4
STP16DPP05 STMICROELECTRONICS-STP16DPP05 Datasheet
1Mb / 34P
Low voltage 16-bit constant current LED sink driver with output error detection
April 2017 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com