Electronic Components Datasheet Search
  English  ▼

X  

PSAHC08 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSAHC08
Description  AC/DC Switching Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAHC08 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSAHC08 Datasheet HTML 1Page - Wall Industries,Inc. PSAHC08 Datasheet HTML 2Page - Wall Industries,Inc. PSAHC08 Datasheet HTML 3Page - Wall Industries,Inc. PSAHC08 Datasheet HTML 4Page - Wall Industries,Inc. PSAHC08 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Wall Industries, Inc.
Rev D
PSAHC08 SERIES
6.6~9 Watts, AC/DC Switching Power Supplies
05/28/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 5
SPECIFICATIONS: PSAHC08 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
AC input voltage range
90
305
VAC
Input Voltage
DC input voltage range
120
430
VDC
Input Frequency
47
440
Hz
At 115VAC and full load
180
Input Current
At 230VAC and full load
110
mA
At 115VAC
25
Inrush Current (<500µs)
At 230VAC
45
A
No load Power Consumption
0.3
W
External Fuse (recommended)
2A slow blow type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
See Table
Line Regulation
Low line to high line
See Table
Load Regulation
10% - 100% load
See Table
Output Power
See Table
Output Current
See Table
Single Outputs
0
Minimum Load
Dual Outputs
25
%
3.3V~15V models
100
24V models
150
Ripple
Dual Output Models
Measured at 20MHz BW and with a 47µF tantalum capacitor and a
0.1µF ceramic capacitor in parallel across the output. (See page 3)
100
mVp-p
3.3V~15V models
150
24V models
200
Noise
Dual Output Models
Measured at 20MHz BW and with a 47µF tantalum capacitor and a
0.1µF ceramic capacitor in parallel across the output. (See page 3)
150
mVp-p
Maximum Capacitive Load
See Table
Hold-Up Time
10
ms
Temperature Coefficient
-0.02
+0.02
%/°C
PROTECTION
Short Circuit Protection
Hiccup mode, indefinite (auto-recovery)
Over Voltage Protection
Zener diode clamp
Over Power Protection
Hiccup technique, auto-recovery
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
124
132
140
KHz
Isolation Voltage
Input to Output
3000
VAC
Leakage Current
0.25
mA
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
See derating curve on page 3
-40
+70
°C
Storage Temperature
-40
+85
°C
Humidity
95
% RH
Cooling
Free air convection
MTBF
25°C (MIL-HDBK-217F)
350,000
hours
PHYSICAL SPECIFICATIONS
Weight
1.23oz (35g)
Case Material
Plastic resin with fiberglass (Flammability to UL 94V-0)
Dimensions (L x W x H)
2.055 x 1.055 x 0.75 inches (52.2 x 26.8 x 19.0 mm)
SAFETY & EMC
Safety Approvals
UL/cUL 60950-1 2nd edition; CE
EMI (Conducted and Radiated Emissions)
EN 55022 Class B
EMC
EMS (Noise Immunity)
EN 55024



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com