Electronic Components Datasheet Search
  English  ▼

X  

PSAHC08 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSAHC08
Description  AC/DC Switching Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAHC08 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSAHC08 Datasheet HTML 1Page - Wall Industries,Inc. PSAHC08 Datasheet HTML 2Page - Wall Industries,Inc. PSAHC08 Datasheet HTML 3Page - Wall Industries,Inc. PSAHC08 Datasheet HTML 4Page - Wall Industries,Inc. PSAHC08 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Wall Industries, Inc.
Rev D
PSAHC08 SERIES
6.6~9 Watts, AC/DC Switching Power Supplies
05/28/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 5
FEATURES
• Isolation Class II
• RoHS Compliant
• 8 Watts Output Power
• Single and Dual Outputs
• Low Ripple & Noise
• Fully Encapsulated Plastic Case
• PCB Mountable Switching Power Supply
• -40°C to +70°C Operating Temperature Range
• Universal Input Voltage Range: 90-305VAC (120-430VDC)
• Short Circuit, Over Power, and Over Voltage Protection
• CE and UL/cUL 60950-1: 2nd Edition Safety Approvals
• Screw Terminal Mechanical Options Available
DESCRIPTION
E199779 LEVEL 3
R
Size:
2.055 x 1.055 x 0.75 inches
52.2 x 26.8 x 19.0 mm
Weight:
1.23oz (35g)
The PSAHC08 series of AC/DC switching power supplies provides 8 watts of output power in a 2.055”
x 1.055” x 0.75” encapsulated PCB mountable package. This series consists of single and dual output
models with a universal input range of 90-305VAC (120-430VDC). Some features include low ripple
and noise, -40°C to +70°C operating temperature range, and <0.3W no load power consumption.
These supplies are also protected against over power, over voltage, and short circuit conditions. The
PSAHC08 series also has two types of screw terminal mechanical options available. All models are
RoHS compliant and have CE and UL/cUL 60950-1: 2nd edition safety approvals.
MODEL SELECTION TABLE
SINGLE OUTPUT MODELS
Output Current
Model Number
Input Voltage
Output
Voltage
Min Load
Max Load
Voltage
Accuracy
Line
Regulation
Load Regulation
(10% - 100%)
Output
Power
Efficiency
Maximum
Capacitive Load
PSAHC08-3.3S
3.3 VDC
0%
2000mA
±2%
±0.2%
±1.0%
6.6W
69%
26,000µF
PSAHC08-3.8S
3.8 VDC
0%
2100mA
±2%
±0.2%
±1.0%
8W
71%
25,000µF
PSAHC08-5S
5 VDC
0%
1600mA
±2%
±0.2%
±1.0%
8W
72%
6000μF
PSAHC08-8S
8 VDC
0%
1000mA
±2%
±0.2%
±1.0%
8W
79%
2500µF
PSAHC08-9S
9 VDC
0%
888mA
±2%
±0.2%
±1.0%
8W
79%
2300µF
PSAHC08-12S
12 VDC
0%
666mA
±2%
±0.2%
±0.5%
8W
79%
1050μF
PSAHC08-14S
14 VDC
0%
571mA
±2%
±0.2%
±0.5%
8W
80%
500µF
PSAHC08-15S
15 VDC
0%
533mA
±2%
±0.2%
±0.5%
8W
80%
440μF
PSAHC08-24S
90~305 VAC
(120~430 VDC)
24 VDC
0%
335mA
±2%
±0.2%
±0.5%
8W
81%
180μF
DUAL OUTPUT MODELS
Output Current
Model Number
Input Voltage
Output
Voltage
Min Load(1)
Max Load
Voltage
Accuracy
Line
Regulation
Load Regulation
(10% - 100%)
Output
Power
Efficiency
Maximum
Capacitive Load
Vo
5 VDC
25%
1600mA
±2%
±0.2%
±0.5%
1200µF
PSAHC08-5S3.3S
Vr
3.3 VDC
25%
310mA
±15%
±3.0%
±5.0%
9W
71%
1000µF
Vo
8 VDC
25%
1000mA
±2%
±0.2%
±0.5%
800µF
PSAHC08-8S5S
Vr
5 VDC
25%
150mA
±5%
±3.0%
±5.0%
8.75W
77%
3800µF
Vo
12 VDC
25%
666mA
±2%
±0.2%
±0.5%
260µF
PSAHC08-12S5S
Vr
5 VDC
25%
200mA
±5%
±3.0%
±5.0%
9W
78%
3800µF
Vo
12 VDC
25%
560mA
±2%
±0.2%
±0.5%
260µF
PSAHC08-12S7.5S
Vr
90~305 VAC
(120~430 VDC)
7.5 VDC
25%
250mA
±5%
±3.0%
±5.0%
8.6W
78%
4000µF
NOTES
1. Some models require a minimum loading on the output to maintain specified regulations. Operation under no-load conditions will not damage these
devices; however, they may not meet all listed specifications.
2. Screw terminal mechanical options available (see page 4). Please call factory for ordering details.


Similar Part No. - PSAHC08

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAHC WALL-PSAHC Datasheet
330Kb / 6P
5 Watt Single Output Encapsulated PCB Mount AC/DC Switching Power Supply
PSAHC WALL-PSAHC Datasheet
151Kb / 5P
4~5.5 Watts, AC/DC Switching Power Supplies
PSAHC-12S WALL-PSAHC-12S Datasheet
330Kb / 6P
5 Watt Single Output Encapsulated PCB Mount AC/DC Switching Power Supply
PSAHC-12S WALL-PSAHC-12S Datasheet
151Kb / 5P
4~5.5 Watts, AC/DC Switching Power Supplies
PSAHC-15S WALL-PSAHC-15S Datasheet
330Kb / 6P
5 Watt Single Output Encapsulated PCB Mount AC/DC Switching Power Supply
More results

Similar Description - PSAHC08

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
AC/DC Switching Power Supplies
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com