Electronic Components Datasheet Search
  English  ▼

X  

HAT2016R Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HAT2016R
Description  Silicon N Channel Power MOS FET High Speed Power Switching
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HAT2016R Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HAT2016R Datasheet HTML 1Page - Hitachi Semiconductor HAT2016R Datasheet HTML 2Page - Hitachi Semiconductor HAT2016R Datasheet HTML 3Page - Hitachi Semiconductor HAT2016R Datasheet HTML 4Page - Hitachi Semiconductor HAT2016R Datasheet HTML 5Page - Hitachi Semiconductor HAT2016R Datasheet HTML 6Page - Hitachi Semiconductor HAT2016R Datasheet HTML 7Page - Hitachi Semiconductor HAT2016R Datasheet HTML 8Page - Hitachi Semiconductor HAT2016R Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HAT2016R
4
Main Characteristics
Ambient Temperature
Ta (
°C)
Power vs. Temperature Derating
Drain to Source Voltage
V
(V)
DS
Maximum Safe Operation Area
Drain to Source Voltage
V
(V)
DS
Typical Output Characteristics
Gate to Source Voltage
V
(V)
GS
Typical Transfer Characteristics
Note 5 :
When using the glass epoxy board
(FR4 40x40x1.6 mm)
4.0
3.0
2.0
1.0
0
50
100
150
200
100
30
10
3
1
0.3
0.1
0.03
0.01
0.1
0.3
1
3
10
30
100
10
µs 100 µs
1 ms
PW
=
10
ms
20
16
12
8
4
0
24
6
8
10
10 V
6 V
3 V
4.5 V
3.5 V
V
= 2.5 V
GS
4 V
5 V
20
16
12
8
4
0
12
3
4
5
Tc = –25
°C
75
°C
25
°C
1 Drive
Operation
Operation in
this area is
limited by R DS(on)
Pulse Test
V
= 10 V
Pulse Test
DS
Test Condition :
When using the glass epoxy board
(FR4 40x40x1.6 mm), PW < 10 s
Note
5
DC
Operation
(PW
<
10
s)
Ta = 25
°C
1 shot Pulse
1 Drive Operation



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com