Electronic Components Datasheet Search
  English  ▼

X  

HAT2016R Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HAT2016R
Description  Silicon N Channel Power MOS FET High Speed Power Switching
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HAT2016R Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HAT2016R Datasheet HTML 1Page - Hitachi Semiconductor HAT2016R Datasheet HTML 2Page - Hitachi Semiconductor HAT2016R Datasheet HTML 3Page - Hitachi Semiconductor HAT2016R Datasheet HTML 4Page - Hitachi Semiconductor HAT2016R Datasheet HTML 5Page - Hitachi Semiconductor HAT2016R Datasheet HTML 6Page - Hitachi Semiconductor HAT2016R Datasheet HTML 7Page - Hitachi Semiconductor HAT2016R Datasheet HTML 8Page - Hitachi Semiconductor HAT2016R Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
HAT2016R
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
V
DSS
30
V
Gate to source voltage
V
GSS
±20
V
Drain current
I
D
6.5
A
Drain peak current
I
D(pulse)
Note1
52
A
Body-drain diode reverse drain current
I
DR
6.5
A
Channel dissipation
Pch
Note2
2W
Channel dissipation
Pch
Note3
3W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
1. PW
≤ 10µs, duty cycle ≤ 1 %
2. 1 Drive operation : When using the glass epoxy board (FR4 40 x 40 x 1.6 mm), PW
≤ 10s
3. 2 Drive operation : When using the glass epoxy board (FR4 40 x 40 x 1.6 mm), PW
≤ 10s



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com