Electronic Components Datasheet Search
  English  ▼

X  

PSAOC Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSAOC
Description  AC/DC PCB Mount Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAOC Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSAOC Datasheet HTML 1Page - Wall Industries,Inc. PSAOC Datasheet HTML 2Page - Wall Industries,Inc. PSAOC Datasheet HTML 3Page - Wall Industries,Inc. PSAOC Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Wall Industries, Inc.
Rev A
PSAOC SERIES
Up to 4 Watts, AC/DC PCB Mount Power Supplies
08/26/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 4
BLOCK DIAGRAMS
Single Output
Dual Output
O.V.P./O.C.P.
DETECT
+Vo
Gnd
L
N
DETECT
+Vo
+Vr
Com
L
N
O.V.P./O.C.P.
DERATING CURVE
Ambient Temperature (°C)
110
100
90
80
70
60
50
40
30
20
10
0
-25
Single Outputs
3.3S Model
12S5S Model
8S5S Model
5S3.3 Model
-40 -20 -10
0
10
20
30
40
50
60
70
80
90 100
MECHANICAL DRAWING
PIN CONNECTIONS
PIN
SINGLE
DUAL
1
NC
NC
2
+Vo
+Vo
3
GND
COM
4
NC
+Vr
5
AC IN (L)
AC IN (L)
6
AC IN (N)
AC IN (N)
7
NC
NC
TOP VIEW
1.44 (36.5)
0.15
(3.75)
1
2
3 4
7
6
5
0.85 (21.5)
0.30 (7.5)
0.024 (0.6)
Primary
Secondary
Isolation
Spacing
ISOLATION
NOTES
1. Unit: inches (mm)
2. Tolerance: ±0.02 (±0.5mm)
3. All dimensions are for reference only
BOTTOM VIEW
0.15
(3.75)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com