Electronic Components Datasheet Search
  English  ▼

X  

PSAOC Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSAOC
Description  AC/DC PCB Mount Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAOC Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSAOC Datasheet HTML 1Page - Wall Industries,Inc. PSAOC Datasheet HTML 2Page - Wall Industries,Inc. PSAOC Datasheet HTML 3Page - Wall Industries,Inc. PSAOC Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wall Industries, Inc.
Rev A
PSAOC SERIES
Up to 4 Watts, AC/DC PCB Mount Power Supplies
08/26/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 4
FEATURES
• RoHS Compliant
• Isolation Class II
• Up to 4 Watts Output Power
• Low Ripple and Noise
• Single and Dual Outputs
• UL/cUL, CE, and CB Approvals
• PCB Mountable Switching Power Supply
• Fully Encapsulated Plastic Case
• -40°C to +70°C Operating Temperature Range
• Universal Input Voltage Range: 90-264VAC (120-370VDC)
• Short Circuit, Over Power, and Over Voltage Protection
• < 0.3W No Load Input Power
DESCRIPTION
Size:
1.44 x 1.06 x 0.67 inches
36.5 x 27.0 x 17.1 mm
The PSAOC series of AC/DC switching power supplies provides up to 4 watts of output power in a
1.44” x 1.06” x 0.67” encapsulated PCB mountable package. This series consists of single and dual
output models with a universal input range of 90-264VAC (120-370VDC). Some features include low
ripple and noise, -40°C to +70°C operating temperature range, and over power, over voltage, and
short circuit protection. All models are RoHS compliant and have UL/cUL, CE, and CB safety approvals.
MODEL SELECTION TABLE
SINGLE OUTPUT MODELS
Output Current
Model Number
Input Voltage
Output
Voltage
Min Load
Max Load
Ripple & Noise (2)
Line
Regulation
Load Regulation
(0% - 100%)
Output
Power
Efficiency
Maximum
Capacitive Load
PSAOC-3.3S
3.3 VDC
0mA
1200mA
250mVp-p
±0.2%
±1%
3.96W
68%
14,000μF
PSAOC-5S
5 VDC
0mA
800mA
200mVp-p
±0.2%
±0.5%
4W
72%
8,000μF
PSAOC-8S
8 VDC
0mA
500mA
150mVp-p
±0.2%
±0.5%
4W
74%
2700µF
PSAOC-9S
9 VDC
0mA
444mA
100mVp-p
±0.2%
±0.5%
4W
75%
2400µF
PSAOC-12S
12 VDC
0mA
333mA
100mVp-p
±0.2%
±0.5%
4W
76%
1000μF
PSAOC-14S
14 VDC
0mA
286mA
100mVp-p
±0.2%
±0.5%
4W
76%
750µF
PSAOC-15S
15 VDC
0mA
267mA
100mVp-p
±0.2%
±0.5%
4W
76%
700μF
PSAOC-24S
90~264 VAC
(120~370 VDC)
24 VDC
0mA
167mA
100mVp-p
±0.2%
±0.5%
4W
77%
220μF
DUAL OUTPUT MODELS
Output Current
Model Number
Input Voltage
Output
Voltage
Min Load(1)
Max Load
Ripple & Noise (2)
Line
Regulation
Load Regulation
(25% - 100%)
Output
Power
Efficiency
Maximum
Capacitive Load
Vo
5 VDC
150mA
600mA
±0.2%
±0.5%
5600µF
PSAOC-5S3.3S
Vr
3.3 VDC
37.5mA
150mA
200mVp-p
±3%
±5%
3.5W
72%
4700µF
Vo
8 VDC
93.8mA
375mA
±0.2%
±0.5%
1000µF
PSAOC-8S5S
Vr
5 VDC
30mA
120mA
150mVp-p
±3%
±5%
3.6W
74%
4700µF
Vo
12 VDC
62.5mA
250mA
±0.2%
±0.5%
330µF
PSAOC-12S5S
Vr
90~264 VAC
(120~370 VDC)
5 VDC
30mA
120mA
100mVp-p
±3%
±5%
3.6W
75%
4700µF
NOTES
1. Dual output models require a minimum loading on the output to maintain specified regulations. Operation under no-load conditions will not damage
these devices; however, they may not meet all listed specifications.
2. Ripple & Noise is measured 20MHz limited bandwidth and with 0.1µF and 47µF capacitors in parallel across the output.


Similar Part No. - PSAOC

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAOCH WALL-PSAOCH Datasheet
122Kb / 4P
AC/DC PCB Mount Power Supplies
PSAOCH-12S WALL-PSAOCH-12S Datasheet
122Kb / 4P
AC/DC PCB Mount Power Supplies
PSAOCH-12S5S WALL-PSAOCH-12S5S Datasheet
122Kb / 4P
AC/DC PCB Mount Power Supplies
PSAOCH-14S WALL-PSAOCH-14S Datasheet
122Kb / 4P
AC/DC PCB Mount Power Supplies
PSAOCH-15S WALL-PSAOCH-15S Datasheet
122Kb / 4P
AC/DC PCB Mount Power Supplies
More results

Similar Description - PSAOC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YAW1015E ETC2-YAW1015E Datasheet
241Kb / 4P
AC-DC Power Supplies PCB Mount type
logo
Wall Industries,Inc.
PSAOCH WALL-PSAOCH Datasheet
122Kb / 4P
AC/DC PCB Mount Power Supplies
PSAZC WALL-PSAZC Datasheet
312Kb / 3P
AC/DC PCB Mount Power Supplies
logo
List of Unclassifed Man...
YAS505E ETC2-YAS505E Datasheet
597Kb / 4P
AC-DC Power Supplies PCB Mount type
VAF505 ETC2-VAF505 Datasheet
510Kb / 4P
AC-DC Power Supplies PCB Mount type
logo
TDK Electronics
KW TDK-KW Datasheet
260Kb / 2P
Compact AC-DC PCB-Mount Power Supplies
logo
COSEL CO., LTD.
YS5 COSEL-YS5 Datasheet
305Kb / 6P
AC-DC Power Supplies PCB Mount type
TUHS COSEL-TUHS Datasheet
2Mb / 14P
AC-DC Power Supplies PCB Mount Type
January 31, 2022
VAF1024 COSEL-VAF1024 Datasheet
510Kb / 4P
AC-DC Power Supplies PCB Mount type
VAA1005 COSEL-VAA1005 Datasheet
291Kb / 4P
AC-DC Power Supplies PCB Mount Type
March 13, 2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com