Electronic Components Datasheet Search
  English  ▼

X  

PSAZC Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSAZC
Description  AC/DC PCB Mount Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAZC Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSAZC Datasheet HTML 1Page - Wall Industries,Inc. PSAZC Datasheet HTML 2Page - Wall Industries,Inc. PSAZC Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc.
Advanced Publication
PSAZC SERIES
2 Watt, AC/DC PCB Mount Power Supplies
08/26/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 3
SPECIFICATIONS: PSAZC SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
AC input voltage range
90
305
VAC
Input Voltage
DC input voltage range
120
430
VDC
Input Frequency
47
63
Hz
At 115VAC and full load
75
Input Current
At 230VAC and full load
55
mA
At 115VAC and cold start
30
Inrush Current (<2ms)
At 230VAC and cold start
50
A
No Load Input Power
0.3
W
External Fuse (recommended)
3.15A slow blow type
External Varistor
10S471K
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
-6
+6
%
Line Regulation
Low Line to High Line
-5
+5
%
Load Regulation
10% - 100% full load
-6
+6
%
Output Power
See Table
Output Current
See Table
Minimum Load
0
%
Ripple & Noise (20MHz BW)
Measured with 0.1µF and 47µF capacitors in parallel
300
mVp-p
Max Capacitive Load
At 100~240VAC
See Table
Hold-up Time
At 230VAC
15
ms
Temperature Coefficient
-0.02
+0.02
%/°C
PROTECTION
Short Circuit Protection
Hiccup mode, indefinite (auto-recovery)
Over Power Protection
Hiccup technique, auto-recovery
GENERAL SPECIFICATIONS
Efficiency
At 230VAC
See Table
Isolation Voltage
Input to Output
3000
VAC
Leakage Current
< 240VAC
0.25
mA
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
With derating (see derating curve)
-40
+80
°C
Storage Temperature
-40
+85
°C
Humidity
95
% RH
Cooling
Free air convection
MTBF
25°C (MIL-HDBK-217F)
350,000
hours
PHYSICAL SPECIFICATIONS
Weight
TBD
Case Material
Plastic resin with fiberglass (Flammability to UL 94V-0)
Dimensions (L x W x H)
1.12 x 1.02 x 0.67 inches (28.5 x 25.8 x 17.0 mm)
SAFETY & EMC
Safety Approvals
UL/cUL, CE, CB (Pending)
EMI (Conducted and Radiated Emissions)
EN 55022 class B (Pending)
EMC
EMS (Noise Immunity)
EN 55024 (Pending)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com