Electronic Components Datasheet Search
  English  ▼

X  

PSAZC Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSAZC
Description  AC/DC PCB Mount Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAZC Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSAZC Datasheet HTML 1Page - Wall Industries,Inc. PSAZC Datasheet HTML 2Page - Wall Industries,Inc. PSAZC Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc.
Advanced Publication
PSAZC SERIES
2 Watt, AC/DC PCB Mount Power Supplies
08/26/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 3
FEATURES
• RoHS Compliant
• Isolation Class II
• 3000VAC I/O Isolation
• 2 Watts Output Power
• Fully Encapsulated Plastic Case
• < 0.3W No Load Input Power
• 3.3V, 5V, 12V, 15V, and 24V Single Output Models
• PCB Mountable Switching Power Supply
• -40°C to +80°C Operating Temperature Range
• Universal Input Voltage Range: 90-305VAC (120-430VDC)
• Short Circuit and Over Voltage Protection
• UL/cUL, CE, and CB Safety Approvals (Pending)
DESCRIPTION
Size:
1.12 x 1.02 x 0.67 inches
28.5 x 25.8 x 17.0 mm
The PSAZC series of AC/DC power supplies provides 2 watts of output power in a 1.12” x 1.02” x
0.67” encapsulated PCB mountable package. This series consists of 3.3,V 5V, 12V, 15V, and 24V
single output models with a universal input range of 90-305VAC (120-430VDC). Some features
include 3000VAC I/O isolation, -40°C to +80°C operating temperature range, and over power and
short circuit protection. All models are RoHS compliant and have UL/cUL, CE, and CB (pending)
safety approvals.
MODEL SELECTION TABLE
Output Current
Model Number
Input Voltage
Output Voltage
Min Load
Max Load
Ripple & Noise
Output Power
Efficiency
Maximum
Capacitive Load
PSAZC-3.3S
3.3 VDC
0%
600mA
300mVp-p
2W
66%
7000µF
PSAZC-5S
5 VDC
0%
400mA
300mVp-p
2W
70%
4000µF
PSAZC-9S
9 VDC
0%
222mA
300mVp-p
2W
73%
1200µF
PSAZC-12S
12 VDC
0%
167mA
300mVp-p
2W
73%
500µF
PSAZC-15S
15 VDC
0%
133mA
300mVp-p
2W
73%
350µF
PSAZC-24S
90~305 VAC
(120~430 VDC)
24 VDC
0%
83mA
300mVp-p
2W
75%
110µF
DERATING
BLOCK DIAGRAM
120
100
80
60
40
20
0
-40
-20
0
20
40
60
70
80
Ambient Temperature (°C)
O.V.P. / O.C.P.
DETECT
+Vo
-Vo
L
N


Similar Part No. - PSAZC

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAZC WALL-PSAZC Datasheet
211Kb / 3P
2 Watt AC/DC PCB Mount Power Supplies
PSAZC-12S WALL-PSAZC-12S Datasheet
211Kb / 3P
2 Watt AC/DC PCB Mount Power Supplies
PSAZC-15S WALL-PSAZC-15S Datasheet
211Kb / 3P
2 Watt AC/DC PCB Mount Power Supplies
PSAZC-24S WALL-PSAZC-24S Datasheet
211Kb / 3P
2 Watt AC/DC PCB Mount Power Supplies
PSAZC-3.3S WALL-PSAZC-3.3S Datasheet
211Kb / 3P
2 Watt AC/DC PCB Mount Power Supplies
More results

Similar Description - PSAZC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YAW1015E ETC2-YAW1015E Datasheet
241Kb / 4P
AC-DC Power Supplies PCB Mount type
logo
Wall Industries,Inc.
PSAOC WALL-PSAOC Datasheet
123Kb / 4P
AC/DC PCB Mount Power Supplies
PSAOCH WALL-PSAOCH Datasheet
122Kb / 4P
AC/DC PCB Mount Power Supplies
logo
List of Unclassifed Man...
YAS505E ETC2-YAS505E Datasheet
597Kb / 4P
AC-DC Power Supplies PCB Mount type
VAF505 ETC2-VAF505 Datasheet
510Kb / 4P
AC-DC Power Supplies PCB Mount type
logo
TDK Electronics
KW TDK-KW Datasheet
260Kb / 2P
Compact AC-DC PCB-Mount Power Supplies
logo
COSEL CO., LTD.
YS5 COSEL-YS5 Datasheet
305Kb / 6P
AC-DC Power Supplies PCB Mount type
TUHS COSEL-TUHS Datasheet
2Mb / 14P
AC-DC Power Supplies PCB Mount Type
January 31, 2022
VAF1024 COSEL-VAF1024 Datasheet
510Kb / 4P
AC-DC Power Supplies PCB Mount type
VAA1005 COSEL-VAA1005 Datasheet
291Kb / 4P
AC-DC Power Supplies PCB Mount Type
March 13, 2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com