Electronic Components Datasheet Search
  English  ▼

X  

BAF-5 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # BAF-5
Description  13.32. x 1-1/2. 250Vac Fast-acting supplemental fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

BAF-5 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  BAF-5 Datasheet HTML 1Page - Cooper Bussmann, Inc. BAF-5 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data 2011
Effective April 2014
Supersedes June 2012
Description
Fast-acting, supplemental fuse.
For superior protection, Bussmann recommends
upgrading to Low-Peak™ Class CC fuses. See
data sheet # 1023.
Catalog symbol – color code
• BAF - Green (250Vac max 1/4 to 30A)
Ratings
Fuse Amp
Range
Interrupting Rating
at System Voltage
Agency
Information
250
Vac
125
Vac
UL
CSA
1/4 to 1
35A
10kA
-
X
1-1/2 to 2-1/2
100A
10kA
-
X
3
100A
10kA
X
X
4 to 10
200A
10kA
X
X
12 to 15
750A
10kA
X
X
20 to 30
200A
10kA
-
-
Agency information
• CE
• UL Listed, Std. 248-14, 250Vac (3 to 15A)
Guide JDYX, File E19180
• CSA Certified, 250Vac (1/4 to 15A)
Class 1422-01, File 53787
Catalog numbers (amps)
BAF-1⁄4
BAF-1-8⁄10 BAF-6
BAF-12
BAF-1⁄2
BAF-2
BAF-6-1⁄4
BAF-15
BAF-6⁄10
BAF-2-1⁄2
BAF-7
BAF-20
BAF-8⁄10
BAF-3
BAF-8
BAF-25
BAF-1
BAF-4
BAF-9
BAF-30
BAF-1-1⁄2
BAF-5
BAF-10
Carton quantity
Amps
Qty
1/4 to 30
10
Features
• Color coded green for 250Vac maximum
voltage rating
• Fiber tube construction
• Nickel-plated brass endcaps.
Typical applications
• General purpose circuits
• Lighting circuit protection
• Meter circuits
Recommended fuse blocks/fuse holders
Series
Description
Data Sheet #
Blocks
BMM Series
1-, 2- & 3-Pole modular
blocks with optional
covers
10235
BM Series
1-, 2- & 3-Pole blocks
1104
DIN-Rail Holders / Switches
CCP-_-30M
1-, 2- & 3-Pole switch
1157
CHM Series
1-, 2- & 3-Pole
3185
Optima NG
3-Pole protection
module
1109
Optima
3-Pole holder
1102
Optima
3-Pole holder + switch
1103
Panel Mount Holders
HPM & HPM-D
1-Pole holder
2112
HPC-D
1-Pole holder
2109
HPS2
2-Pole holder
2140
HPF, HPF-C &
HPF-WT
1-Pole holder
2114
HPS
1-Pole holder
2113
HPG & HPD
1-Pole holder
2108
In-line Holders
HEB
1-Pole holder
2127
HEX
2-Pole holder
2126
Fuseclips
1A3400, 5956 &
5960 Series
PCB Fuseclips
2132
Fuse Covers
SAMI-7
Finger-safe fuse cover
1204
BAF Series
13⁄32˝ x 1-1/2˝ 250Vac Fast-acting supplemental fuses
0.41"
(10.3)
1.5"
(38.1)
Dimensions - in (mm)
250Vac
1/4 to 30A


Similar Part No. - BAF-5

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
BAF-5 COOPER-BAF-5 Datasheet
270Kb / 2P
BAF 13??2? x 1-1/2? 250Vac fast-acting supplemental fuses
logo
Eaton All Rights Reserv...
BAF-5 EATON-BAF-5 Datasheet
270Kb / 2P
BAF 13??2? x 1-1/2? 250Vac fast-acting supplemental fuses
More results

Similar Description - BAF-5

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KLM-15 COOPER-KLM-15 Datasheet
391Kb / 2P
13/32 x 1-1/2 600Vac/dc Fast-acting supplemental fuses
KTK-45 COOPER-KTK-45 Datasheet
374Kb / 2P
13/32 x 1-1/2 600Vac Fast-acting supplemental fuses
KLM-20 COOPER-KLM-20 Datasheet
391Kb / 2P
13/32 x 1-1/2 600Vac/dc Fast-acting supplemental fuses
KTK-110 COOPER-KTK-110 Datasheet
279Kb / 2P
KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
BAF-1 COOPER-BAF-1 Datasheet
270Kb / 2P
BAF 13??2? x 1-1/2? 250Vac fast-acting supplemental fuses
MIC-1 COOPER-MIC-1 Datasheet
375Kb / 2P
MIC 13??2? x 1-1/2? 250Vac pin indicating fast-acting supplemental fuses
logo
Eaton All Rights Reserv...
BAF EATON-BAF Datasheet
270Kb / 2P
BAF 13??2? x 1-1/2? 250Vac fast-acting supplemental fuses
FNM EATON-FNM Datasheet
472Kb / 3P
FNM 13??2? x 1-1??? 250Vac time-delay supplemental fuses
KLM EATON-KLM Datasheet
318Kb / 2P
KLM 13??2? x 1-1??? 600Vac/dc fast-acting supplemental fuses
KTK EATON-KTK Datasheet
279Kb / 2P
KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com