Electronic Components Datasheet Search
  English  ▼

X  

BAF-5 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # BAF-5
Description  13.32. x 1-1/2. 250Vac Fast-acting supplemental fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

BAF-5 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  BAF-5 Datasheet HTML 1Page - Cooper Bussmann, Inc. BAF-5 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Eaton’s Bussmann Business
114 Old State Road
Ellisville, MO 63021
United States
www.Bussmann.com
© 2014 Eaton
All Rights Reserved
Publication No. 2011 - BU-SB14288
April 2014
Eaton is a registered trademark.
All other trademarks are property
of their respective owners.
BAF Series
250Vac Fast-Acting Supplemental Fuses
Technical Data 2011
Effective April, 2014
The only controlled copy of this Data Sheet is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document
are by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the
end user with design applications. Bussmann reserves the right, without notice, to change design or construction of any products and to discontinue
or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained in this
bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Time-current characteristic curves – total clear
Current in Amps
100
10
1
0.1
0.01
Amp Rating



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com