Electronic Components Datasheet Search
  English  ▼

X  

PSM360 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSM360
Description  Medical AC/DC Switching Power Supplies
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSM360 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSM360 Datasheet HTML 1Page - Wall Industries,Inc. PSM360 Datasheet HTML 2Page - Wall Industries,Inc. PSM360 Datasheet HTML 3Page - Wall Industries,Inc. PSM360 Datasheet HTML 4Page - Wall Industries,Inc. PSM360 Datasheet HTML 5Page - Wall Industries,Inc. PSM360 Datasheet HTML 6Page - Wall Industries,Inc. PSM360 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Rev. A
PSM360 Series
Up to 360 Watts
Active PFC, Single Output
Medical AC/DC Switching Power Supply
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
04/27/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 7
MODEL SELECTION TABLE
Model
(1)
Input Voltage
Output Voltage
Output Current
(30CFM forced air)
Maximum Output Power
(2)
(30CFM forced air)
PSM360B-1Y12-X (D)
90 ~ 264 VAC
12 VDC
30A
360W
PSM360B-1Y24-X (D)
90 ~ 264 VAC
24 VDC
15A
360W
PSM360B-1Y30-X (D)
90 ~ 264 VAC
30 VDC
12A
360W
PSM360B-1Y36-X (D)
90 ~ 264 VAC
36 VDC
10A
360W
PSM360B-1Y48-X (D)
90 ~ 264 VAC
48 VDC
7.5A
360W
PSM360B-1Y54-X (D)
90 ~ 264 VAC
54 VDC
6.67A
360W
PSM360B-1Y57-X (D)
90 ~ 264 VAC
57 VDC
6.32A
360W
NOTES
1. Mechanical Options: The “x” in the part number can be “U” for U-chassis type, “E” for enclosed type with rear
side built-in fan, or “F” for enclosed type with top side built-in fan. The “D” is for current sharing option.
2. U Type: 360W max. with 30CFM forced air at +50°C ambient temperature.
E Type: 360W max. at +50°C ambient temperature.
F Type: 360W max. at +50°C ambient temperature.
3. At 25°C including initial tolerance, line voltage, load currents, and output voltages adjusted to factory settings.
4. Ripple & Noise is measured at 20MHz bandwidth with a tantalum 10µF in parallel with a 0.1µF ceramic
capacitor.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com