Electronic Components Datasheet Search
  English  ▼

X  

PSM360 Datasheet(PDF) 6 Page - Wall Industries,Inc.

Part # PSM360
Description  Medical AC/DC Switching Power Supplies
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSM360 Datasheet(HTML) 6 Page - Wall Industries,Inc.

  PSM360 Datasheet HTML 1Page - Wall Industries,Inc. PSM360 Datasheet HTML 2Page - Wall Industries,Inc. PSM360 Datasheet HTML 3Page - Wall Industries,Inc. PSM360 Datasheet HTML 4Page - Wall Industries,Inc. PSM360 Datasheet HTML 5Page - Wall Industries,Inc. PSM360 Datasheet HTML 6Page - Wall Industries,Inc. PSM360 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Rev. A
PSM360 Series
Up to 360 Watts
Active PFC, Single Output
Medical AC/DC Switching Power Supply
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
04/27/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 6 of 7
Type “F” Models (Enclosed with Top Side Built-in Fan Type): 8.00 x 4.66 x 2.85 inches
Unit: inches (mm)
AC(N)
AC(L)
FG
N.C.
+V
+V
+V
RTN
RTN
RTN
FAN1
CN5
CN4
CN1
CN4
POWER GOOD GND
GND
FAN FAULT
FAN
FULL SPEED
CN7 P2.54-2*3P
Molex P/N:90122-0123
or Equivalent
CN3
CN2
1
1
CN1
8A/250V
1.85 (47.0)
1.00 (25.5)
8.00 (203.2)
2-M3P0.5
0.35
(8.9)
0.35
(8.9)
7.30 (185.4)
0.35
(8.9)
0.35
(8.9)
0.35
(8.9)
0.35
(8.9)
4-M3P0.5
7.30 (185.4)
0.32 (8.25)
1.05 (26.75)
0.32 (8.25)
2.35 (59.75)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com