Electronic Components Datasheet Search
  English  ▼

X  

PSPW150 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSPW150
Description  AC/DC Switching Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPW150 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSPW150 Datasheet HTML 1Page - Wall Industries,Inc. PSPW150 Datasheet HTML 2Page - Wall Industries,Inc. PSPW150 Datasheet HTML 3Page - Wall Industries,Inc. PSPW150 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Wall Industries, Inc.
Rev A
PSPW150 SERIES
Up to 150 Watts, AC/DC Switching Power Supplies
07/29/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 4
SPECIFICATIONS: PSPW150 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
90
264
VAC
Input Frequency
47
63
Hz
115VAC and full load
2.5
Input Current (rms)
230VAC and full load
1.25
A
115VAC, cold start, 25°C
40
Inrush Current
115VAC, cold start, 25°C
80
A
Power Factor Correction
115/230VAC and full load
0.9
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Regulation
See Table
Convection cooling
100
Output Power
With 12CFM forced air
150
W
Output Current
See Table
Minimum Load
0
%
12V output model
150
15V output model
150
19V output model
190
24V output model
240
28V output model
300
Ripple & Noise
Measured at 20MHz limited bandwidth and
with 0.1μF ceramic and 10μF electrolytic
capacitors in parallel across the output
48V output model
300
mVp-p
Hold-up Time
115VAC and full load
16
ms
PROTECTION
Over Voltage Protection
Automatic recovery
Over Load Protection
Automatic recovery
105
160
%
Short Circuit Protection
Automatic recovery
GENERAL SPECIFICATIONS
Efficiency
115VAC and full load
85
%
ENVIRONMENTAL SPECIFICATIONS
Convection cooling: 100W (with derating)
0
+60
Operating Temperature
12CFM forced air: 150W (with derating)
0
+70
°C
Storage Temperature Range
-10
+85
°C
Humidity
Non-condensing
5
95
%
MTBF
Full load, 25°C ambient temperature
100,000
hours
PHYSICAL SPECIFICATIONS
Open Frame Models (Suffix “-O”)
7.27oz (206g)
Weight
U-Chassis Models (Suffix “-U”)
9.70oz (275g)
Open Frame Models (Suffix “-O”)
4.00 x 2.00 x 1.14 in (101.6 x 50.8 x 29.0 mm)
Dimensions (L x W x H)
U-Chassis Models (Suffix “-U”)
4.12 x 2.25 x 1.38 in (104.6 x 57.0 x 35.0 mm)
SAFETY & EMC
Safety Approvals
UL60950-1, CSA-C22.2 NO.950-1, Nemko EN60950-1, CB IEC60950-1
EMC Standards
EN55022 Class B, CISPR22 Class B, FCC Part 15 Class B, CE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com