Electronic Components Datasheet Search
  English  ▼

X  

PSPW150 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # PSPW150
Description  AC/DC Switching Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPW150 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  PSPW150 Datasheet HTML 1Page - Wall Industries,Inc. PSPW150 Datasheet HTML 2Page - Wall Industries,Inc. PSPW150 Datasheet HTML 3Page - Wall Industries,Inc. PSPW150 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Wall Industries, Inc.
Rev A
PSPW150 SERIES
Up to 150 Watts, AC/DC Switching Power Supplies
07/29/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 4
MECHANICAL DRAWING
OPEN FRAME MODELS (SUFFIX “-O”)
Unit: inches (mm)
CN1: INPUT CONNECTOR
Pin No.
Function
1
AC (N)
2
AC (L)
JST B3P-VH-B pitch: 7.92mm or
equivalent, mates with JST VHR-3N
or equivalent
4X Ø0.138 (Ø3.5) mounting holes
4.00 (101.6)
3.72 (94.6)
0.14 (3.5)
CN1
1
2
3
4
5
6
CN2
0.14 (3.5)
L
N
CN2: OUTPUT CONNECTOR
Pin No.
Function
1
GND
2
GND
3
GND
4
+Vo
5
+Vo
6
+Vo
JST B6P-VH-B pitch: 3.96mm or
equivalent, mates with JST VHR-6N
or equivalent
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development engineers
will provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008 certification is
just one example of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely
with its customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide
ongoing support for your project above and beyond the design and production phases. Give us a call today to discuss your
future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
37 Industrial Drive
Exeter, NH 03833



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com