Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 107 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 107 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 103Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 104Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 105Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 106Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 107Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 108Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 109Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 110Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 111Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
107
SPEAKER MIXER CONTROL
The Speaker Mixer path select and volume controls are described in Table 59 for the Left Channel
(SPKMIXL) and Table 60 for the Right Channel (SPKMIXR).
Care should be taken when enabling more than one path to a speaker mixer in order to avoid
clipping.The gain of each input path is adjustable using a selectable -6dB control in each path to
facilitate this. Each Speaker Mixer output can also be muted using the SPKMIXL_VOL or
SPKMIXR_VOL register.
Note that the DAC input levels may also be controlled by the DAC Output Paths digital volume
controls (see “Digital Mixing”) and also (when applicable) by the Audio Interface Input Paths digital
volume controls (see “Digital Volume and Filter Control”).
When using the IN1LP or IN1RP signal paths to the speaker mixers, the buffered VMID reference
must be enabled, using the VMID_BUF_ENA register, as described in “Reference Voltages and
Master Bias”.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R54 (0034h)
Speaker Mixer
7
MIXINL_TO_SPKMIXL
0
MIXINL (Left ADC bypass) to
SPKMIXL Mute
0 = Mute
1 = Un-mute
5
IN1LP_TO_SPKMIXL
0
IN1LP to SPKMIXL Mute
0 = Mute
1 = Un-mute
Note that VMID_BUF_ENA must
be set when using the IN1LP input
to SPKMIXL.
3
MIXOUTL_TO_SPKMI
XL
0
Left Mixer Output to SPKMIXL
Mute
0 = Mute
1 = Un-mute
1
DAC1L_TO_SPKMIXL
0
Left DAC to SPKMIXL Mute
0 = Mute
1 = Un-mute
R34 (0022h)
SPKMIXL
Attenuation
5
MIXINL_SPKMIXL_VO
L
0
MIXINL (Left ADC bypass) to
SPKMIXL Fine Volume Control
0 = 0dB
1 = -6dB
4
IN1LP_SPKMIXL_VOL
0
IN1LP to SPKMIXL Fine Volume
Control
0 = 0dB
1 = -6dB
3
MIXOUTL_SPKMIXL_
VOL
0
Left Mixer Output to SPKMIXL Fine
Volume Control
0 = 0dB
1 = -6dB
2
DAC1L_SPKMIXL_VO
L
0
Left DAC to SPKMIXL Fine Volume
Control
0 = 0dB
1 = -6dB
1:0
SPKMIXL_VOL [1:0]
11
Left Speaker Mixer Volume Control
00 = 0dB
01 = Reserved
10 = Reserved
11 = Mute
Table 59 Left Speaker Mixer (SPKMIXL) Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com