Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 224 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 224 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 220Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 221Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 222Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 223Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 224Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 225Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 226Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 227Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 228Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
224
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R1152 (480h) AIF1 DAC1 EQ
Gains (1)
AIF1DAC1_EQ_B1_GAIN [4:0]
AIF1DAC1_EQ_B2_GAIN [4:0]
AIF1DAC1_EQ_B3_GAIN [4:0]
AIF1D
AC1_E
Q_EN
A
6318h
R1153 (481h) AIF1 DAC1 EQ
Gains (2)
AIF1DAC1_EQ_B4_GAIN [4:0]
AIF1DAC1_EQ_B5_GAIN [4:0]
0
0
0
0
0
AIF1D
AC1_E
Q_MO
DE
6300h
R1154 (482h) AIF1 DAC1 EQ
Band 1 A
AIF1DAC1_EQ_B1_A [15:0]
0FCAh
R1155 (483h) AIF1 DAC1 EQ
Band 1 B
AIF1DAC1_EQ_B1_B [15:0]
0400h
R1156 (484h) AIF1 DAC1 EQ
Band 1 PG
AIF1DAC1_EQ_B1_PG [15:0]
00D8h
R1157 (485h) AIF1 DAC1 EQ
Band 2 A
AIF1DAC1_EQ_B2_A [15:0]
1EB5h
R1158 (486h) AIF1 DAC1 EQ
Band 2 B
AIF1DAC1_EQ_B2_B [15:0]
F145h
R1159 (487h) AIF1 DAC1 EQ
Band 2 C
AIF1DAC1_EQ_B2_C [15:0]
0B75h
R1160 (488h) AIF1 DAC1 EQ
Band 2 PG
AIF1DAC1_EQ_B2_PG [15:0]
01C5h
R1161 (489h) AIF1 DAC1 EQ
Band 3 A
AIF1DAC1_EQ_B3_A [15:0]
1C58h
R1162 (48Ah) AIF1 DAC1 EQ
Band 3 B
AIF1DAC1_EQ_B3_B [15:0]
F373h
R1163 (48Bh) AIF1 DAC1 EQ
Band 3 C
AIF1DAC1_EQ_B3_C [15:0]
0A54h
R1164 (48Ch) AIF1 DAC1 EQ
Band 3 PG
AIF1DAC1_EQ_B3_PG [15:0]
0558h
R1165 (48Dh) AIF1 DAC1 EQ
Band 4 A
AIF1DAC1_EQ_B4_A [15:0]
168Eh
R1166 (48Eh) AIF1 DAC1 EQ
Band 4 B
AIF1DAC1_EQ_B4_B [15:0]
F829h
R1167 (48Fh) AIF1 DAC1 EQ
Band 4 C
AIF1DAC1_EQ_B4_C [15:0]
07ADh
R1168 (490h) AIF1 DAC1 EQ
Band 4 PG
AIF1DAC1_EQ_B4_PG [15:0]
1103h
R1169 (491h) AIF1 DAC1 EQ
Band 5 A
AIF1DAC1_EQ_B5_A [15:0]
0564h
R1170 (492h) AIF1 DAC1 EQ
Band 5 B
AIF1DAC1_EQ_B5_B [15:0]
0559h
R1171 (493h) AIF1 DAC1 EQ
Band 5 PG
AIF1DAC1_EQ_B5_PG [15:0]
4000h
R1172 (494h) AIF1 DAC1 EQ
Band 1 C
AIF1DAC1_EQ_B1_C [15:0]
0000h
R1280 (500h) AIF2 ADC Left
Volume
0
0
0
0
0
0
0
AIF2A
DC_V
U
AIF2ADCL_VOL [7:0]
00C0h
R1281 (501h) AIF2 ADC Right
Volume
0
0
0
0
0
0
0
AIF2A
DC_V
U
AIF2ADCR_VOL [7:0]
00C0h
R1282 (502h) AIF2 DAC Left
Volume
0
0
0
0
0
0
0
AIF2D
AC_V
U
AIF2DACL_VOL [7:0]
00C0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com