Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 227 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 227 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 223Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 224Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 225Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 226Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 227Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 228Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 229Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 230Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 231Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
227
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R1792 (700h) GPIO 1
GP1_
DIR
GP1_P
U
GP1_P
D
0
0
GP1_P
OL
GP1_
OP_C
FG
GP1_
DB
0
GP1_L
VL
0
GP1_FN [4:0]
8100h
R1793 (701h) Pull Control
(MCLK2)
1
MCLK
2_PU
MCLK
2_PD
0
0
0
0
1
0
0
0
0
0
0
0
1
A101h
R1794 (702h) Pull Control
(BCLK2)
1
BCLK2
_PU
BCLK2
_PD
0
0
0
0
1
0
0
0
0
0
0
0
1
A101h
R1795 (703h) Pull Control
(DACLRCLK2)
1
DACL
RCLK2
_PU
DACL
RCLK2
_PD
0
0
0
0
1
0
0
0
0
0
0
0
1
A101h
R1796 (704h) Pull Control
(DACDAT2)
1
DACD
AT2_P
U
DACD
AT2_P
D
0
0
0
0
1
0
0
0
0
0
0
0
1
A101h
R1797 (705h) JACKDET Ctrl
1
0
1
0
0
0
0
JACK
DET_
DB
0
JACK
DET_L
VL
0
0
0
0
0
1
A101h
R1799 (707h) GPIO 8
GP8_
DIR
GP8_P
U
GP8_P
D
0
0
GP8_P
OL
GP8_
OP_C
FG
GP8_
DB
0
GP8_L
VL
0
GP8_FN [4:0]
A101h
R1800 (708h) GPIO 9
GP9_
DIR
GP9_P
U
GP9_P
D
0
0
GP9_P
OL
GP9_
OP_C
FG
GP9_
DB
0
GP9_L
VL
0
GP9_FN [4:0]
A101h
R1801 (709h) GPIO 10
GP10_
DIR
GP10_
PU
GP10_
PD
0
0
GP10_
POL
GP10_
OP_C
FG
GP10_
DB
0
GP10_
LVL
0
GP10_FN [4:0]
A101h
R1802 (70Ah) GPIO 11
GP11_
DIR
GP11_
PU
GP11_
PD
0
0
GP11_
POL
GP11_
OP_C
FG
GP11_
DB
0
GP11_
LVL
0
GP11_FN [4:0]
A101h
R1824 (720h) Pull Control (1)
0
0
0
0
0
0
DMIC
DAT1_
PU
DMIC
DAT1_
PD
MCLK
1_PU
MCLK
1_PD
DACD
AT1_P
U
DACD
AT1_P
D
DACL
RCLK1
_PU
DACL
RCLK1
_PD
BCLK1
_PU
BCLK1
_PD
0000h
R1825 (721h) Pull Control (2)
0
0
0
0
0
0
0
ADDR
_PD
0
LDO2
ENA_
PD
0
LDO1
ENA_
PD
0
1
SPKM
ODE_
PU
0
0156h
R1840 (730h) Interrupt Status 1
0
0
0
0
0
GP11_
EINT
GP10_
EINT
GP9_E
INT
GP8_E
INT
0
JACK
DET_E
INT
0
0
0
0
GP1_E
INT
0000h
R1841 (731h) Interrupt Status 2
TEMP
_WAR
N_EIN
T
DCS_
DONE
_EINT
0
FIFOS
_ERR_
EINT
AIF2D
RC_SI
G_DE
T_EIN
T
0
AIF1D
RC1_S
IG_DE
T_EIN
T
SRC2_
LOCK
_EINT
SRC1_
LOCK
_EINT
FLL2_
LOCK
_EINT
FLL1_
LOCK
_EINT
0
0
0
MICD_
EINT
TEMP
_SHU
T_EIN
T
0000h
R1842 (732h) Interrupt Raw
Status 2
TEMP
_WAR
N_STS
DCS_
DONE
_STS
0
FIFOS
_ERR_
STS
AIF2D
RC_SI
G_DE
T_STS
0
AIF1D
RC1_S
IG_DE
T_STS
SRC2_
LOCK
_STS
SRC1_
LOCK
_STS
FLL2_
LOCK
_STS
FLL1_
LOCK
_STS
0
0
0
0
TEMP
_SHU
T_STS
0000h
R1848 (738h) Interrupt Status 1
Mask
0
0
0
0
0
IM_GP
11_EI
NT
IM_GP
10_EI
NT
IM_GP
9_EIN
T
IM_GP
8_EIN
T
1
IM_JA
CKDE
T_EIN
T
1
1
1
1
IM_GP
1_EIN
T
07FFh
R1849 (739h) Interrupt Status 2
Mask
IM_TE
MP_W
ARN_
EINT
IM_DC
S_DO
NE_EI
NT
0
IM_FIF
OS_E
RR_EI
NT
IM_AIF
2DRC_
SIG_D
ET_EI
NT
0
IM_AIF
1DRC1
_SIG_
DET_E
INT
IM_SR
C2_LO
CK_EI
NT
IM_SR
C1_LO
CK_EI
NT
IM_FL
L2_LO
CK_EI
NT
IM_FL
L1_LO
CK_EI
NT
0
1
1
IM_MI
CD_EI
NT
IM_TE
MP_S
HUT_
EINT
DBEFh
R1856 (740h) Interrupt Control
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
IM_IR
Q
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com