Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 233 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 233 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 229Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 230Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 231Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 232Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 233Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 234Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 235Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 236Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 237Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
233
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2
AIF2_ADCDAT_S
RC
0
ADCDAT2 Source select
0 = AIF2 ADCDAT2
1 = GPIO8/DACDAT3
For selection 1, the GPIO8 pin must also be configured as DACDAT3.
1
AIF2_DACDAT_S
RC
0
AIF2 DACDAT Source select
0 = DACDAT2
1 = GPIO8/DACDAT3
For selection 1, the GPIO8 pin must also be configured as DACDAT3.
0
AIF1_DACDAT_S
RC
0
AIF1 DACDAT Source select
0 = DACDAT1
1 = GPIO8/DACDAT3
Note that, for selection 1, the GPIO8 pin must be configured as DACDAT3.
Register 06h Power Management (6)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R21 (15h)
Input Mixer
(1)
8
IN1RP_MIXINR_
BOOST
0
IN1RP Pin (PGA Bypass) to MIXINR Gain Boost.
This bit selects the maximum gain setting of the IN1RP_MIXINR_VOL
register.
0 = Maximum gain is +6dB
1 = Maximum gain is +15dB
7
IN1LP_MIXINL_B
OOST
0
IN1LP Pin (PGA Bypass) to MIXINL Gain Boost.
This bit selects the maximum gain setting of the IN1LP_MIXINL_VOL
register.
0 = Maximum gain is +6dB
1 = Maximum gain is +15dB
6
INPUTS_CLAMP
0
Input pad VMID clamp
0 = Clamp de-activated
1 = Clamp activated
Register 15h Input Mixer (1)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R24 (18h)
Left Line
Input 1&2
Volume
8
IN1_VU
0
Input PGA Volume Update
Writing a 1 to this bit will cause IN1L and IN1R input PGA volumes to be
updated simultaneously
7
IN1L_MUTE
1
IN1L PGA Mute
0 = Disable Mute
1 = Enable Mute
6
IN1L_ZC
0
IN1L PGA Zero Cross Detector
0 = Change gain immediately
1 = Change gain on zero cross only
4:0
IN1L_VOL [4:0]
0_1011
IN1L Volume
-16.5dB to +30dB in 1.5dB steps
Register 18h Left Line Input 1&2 Volume



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com