Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 234 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 234 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 230Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 231Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 232Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 233Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 234Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 235Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 236Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 237Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 238Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
234
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R25 (19h)
Left Line
Input 3&4
Volume
8
IN2_VU
0
Input PGA Volume Update
Writing a 1 to this bit will cause IN2L and IN2R input PGA volumes to be
updated simultaneously
7
IN2L_MUTE
1
IN2L PGA Mute
0 = Disable Mute
1 = Enable Mute
6
IN2L_ZC
0
IN2L PGA Zero Cross Detector
0 = Change gain immediately
1 = Change gain on zero cross only
4:0
IN2L_VOL [4:0]
0_1011
IN2L Volume
-16.5dB to +30dB in 1.5dB steps
Register 19h Left Line Input 3&4 Volume
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R26 (1Ah)
Right Line
Input 1&2
Volume
8
IN1_VU
0
Input PGA Volume Update
Writing a 1 to this bit will cause IN1L and IN1R input PGA volumes to be
updated simultaneously
7
IN1R_MUTE
1
IN1R PGA Mute
0 = Disable Mute
1 = Enable Mute
6
IN1R_ZC
0
IN1R PGA Zero Cross Detector
0 = Change gain immediately
1 = Change gain on zero cross only
4:0
IN1R_VOL [4:0]
0_1011
IN1R Volume
-16.5dB to +30dB in 1.5dB steps
Register 1Ah Right Line Input 1&2 Volume
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R27 (1Bh)
Right Line
Input 3&4
Volume
8
IN2_VU
0
Input PGA Volume Update
Writing a 1 to this bit will cause IN2L and IN2R input PGA volumes to be
updated simultaneously
7
IN2R_MUTE
1
IN2R PGA Mute
0 = Disable Mute
1 = Enable Mute
6
IN2R_ZC
0
IN2R PGA Zero Cross Detector
0 = Change gain immediately
1 = Change gain on zero cross only
4:0
IN2R_VOL [4:0]
0_1011
IN2R Volume
-16.5dB to +30dB in 1.5dB steps
Register 1Bh Right Line Input 3&4 Volume



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com