Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 324 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 324 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 320Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 321Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 322Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 323Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 324Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 325Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 326Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 327Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 328Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 324 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
324
PCB LAYOUT CONSIDERATIONS
Poor PCB layout will degrade the performance and be a contributory factor in EMI, ground bounce
and resistive voltage losses. All external components should be placed as close to the WM1811A
device as possible, with current loop areas kept as small as possible. Specific factors relating to Class
D loudspeaker connection are detailed below.
CLASS D LOUDSPEAKER CONNECTION
Long, exposed PCB tracks or connection wires will emit EMI. The distance between the WM1811A
and the loudspeaker should therefore be kept as short as possible. Where speakers are connected to
the PCB via a cable form, it is recommended that a shielded twisted pair cable is used. The shield
should be connected to the main system, with care taken to ensure ground loops are avoided.
Further reduction in EMI can be achieved using PCB ground (or VDD) planes and also by using
passive LC components to filter the Class D switching waveform. When passive filtering is used, low
ESR components should be chosen in order to minimise the series resistance between the WM1811A
and the speaker, maximising the power efficiency.
LC passive filtering will usually be effective at reducing EMI at frequencies up to around 30MHz. To
reduce emissions at higher frequencies, ferrite beads can also be used. These should be positioned
as close to the device as possible.
These techniques for EMI reduction are illustrated in Figure 97.
SPKP
SPKN
EMI
SPKP
SPKN
SPKP
SPKN
LOW ESR
LOW ESR
SPKP
SPKN
SPKP
SPKN
Long, exposed tracks emit EMI
Short connection wires will reduce EMI emission
Shielding using PCB ground (or VDD)
planes will reduce EMI emission
LC filtering will reduce EMI emission
up to around 30MHz
Ferrite beads will reduce EMI emission
at frequencies above 30MHz.
Figure 97 EMI Reduction Techniques



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com