Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 325 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 325 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 320Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 321Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 322Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 323Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 324Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 325Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 326Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 327Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 328Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 325 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
325
PACKAGE DIMENSIONS
B: 80 BALL W-CSP PACKAGE 4.158 X 3.876 X 0.607 mm BODY, 0.40 mm BALL PITCH
A1
CORNER
TOP VIEW
E
4
DETAIL 2
DETAIL 2
A
A2
2
A
DETAIL 1
D
C
B
G
F
E
e
e
BOTTOM VIEW
1
65
4
32
G
NOTES:
1. PRIMARY DATUM -Z- AND SEATING PLANE ARE DEFINED BY THE SPHERICAL CROWNS OF THE SOLDER BALLS.
2. THIS DIMENSION INCLUDES STAND-OFF HEIGHT ‘A1’, SILICON THICKNESS AND BACKSIDE COATING.
3. A1 CORNER IS IDENTIFIED BY INK/LASER MARK ON TOP PACKAGE.
4. BILATERAL TOLERANCE ZONE IS APPLIED TO EACH SIDE OF THE PACKAGE BODY.
5. ‘e’ REPRESENTS THE BASIC SOLDER BALL GRID PITCH.
6. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
7. FOLLOWS JEDEC DESIGN GUIDE MO-211-C.
8. f1 = NOMINAL DISTANCE OF BALL CENTRE TO DIE EDGE X AXIS (AS PER POD) – APPLICABLE TO ALL CORNERS OF DIE.
9. f2 = NOMINAL DISTANCE OF DIE CENTRE TO DIE EDGE IN Y AXIS (AS PER POD) – APPLICABLE TO ALL CORNERS OF DIE.
7
H
8
9
DM095.B
A1
0.172
D
D1
E
E1
e
3.600 BSC
3.876
3.200 BSC
0.400 BSC
4.158
Dimensions (mm)
Symbols
MIN
NOM
MAX
NOTE
A
0.607
A2
0.367
0.383
0.399
5
f1
0.641
0.573
0.202
0.232
g
0.022
h
0.262
f2
0.338 BSC
0.279 BSC
8
9
4.133
3.851
4.183
3.901
E1
J
K
D
D1
A1
Z
0.06
Z
SOLDER BALL
f1
f2
h
DETAIL 1
0.025 4 X
1
3
4
4
4
0.258
0.266
0.015
C AB
M
0.004
C
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com