Electronic Components Datasheet Search
  English  ▼

X  

WM8987 Datasheet(PDF) 58 Page - Wolfson Microelectronics plc

Part # WM8987
Description  Stereo CODEC for Portable Audio Applications
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8987 Datasheet(HTML) 58 Page - Wolfson Microelectronics plc

Back Button WM8987 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 59Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 58 / 59 page
background image
WM8987L
Production Data
w
PD Rev 4.0 August 2008
58
PACKAGE DIMENSIONS
DM043.F
FL: 28 PIN COL QFN PLASTIC PACKAGE 4 X 4 X 0.75 mm BODY, 0.45 mm LEAD PITCH
INDEX AREA
(D/2 X E/2)
TOP VIEW
D
E
4
NOTES:
1. DIMENSION b APPLIES TO METALLIZED TERMINAL AND IS MEASURED BETWEEN 0.15 mm AND 0.30 mm FROM TERMINAL TIP.
2. FALLS WITHIN JEDEC, MO-220, VARIATION VGGD-2.
3. ALL DIMENSIONS ARE IN MILLIMETRES.
4. THE TERMINAL #1 IDENTIFIER AND TERMINAL NUMBERING CONVENTION SHALL CONFORM TO JEDEC 95-1 SPP-002.
5. COPLANARITY APPLIES TO THE EXPOSED HEAT SINK SLUG AS WELL AS THE TERMINALS.
6. REFER TO APPLICATIONS NOTE WAN_0118 FOR FURTHER INFORMATION REGARDING PCB FOOTPRINTS AND QFN PACKAGE SOLDERING.
7. DEPENDING ON THE METHOD OF LEAD TERMINATION AT THE EDGE OF THE PACKAGE, PULL BACK (L1) MAY BE PRESENT.
8. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
DETAIL 1
A
7
1
15
21
28
22
14
e
8
1
B
C
bbb M
A
BOTTOM VIEW
C
aaa
2 X
C
aaa
2 X
C
A3
SEATING PLANE
DETAIL 2
A1
C
0.08
C
ccc
A
5
SIDE VIEW
L
DETAIL 1
e
Datum
DETAIL 2
Terminal
tip
e/2
R
SEE DETAIL 2
b
A3
G
T
H
W
Exposed lead
DETAIL 2
L1
Dimensions (mm)
Symbols
MIN
NOM
MAX
NOTE
A
A1
A3
0.725
0.75
0.775
0.05
0.02
0
0.203 REF
b
D
E
e
L
0.28
0.18
4.00
0.45 BSC
0.40 REF
4.00
0.10
aaa
bbb
ccc
REF:
0.15
0.10
JEDEC, MO-220
Tolerances of Form and Position
0.23
H
0.100 REF
0.535 REF
G
T
0.100 REF
W
0.230 REF
1
L1
0.05 REF
7
3.95
4.05
3.95
4.05
PIN 1
IDENTIFICATION
0.150MM SQUARE
0.275MM
0.275MM
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com