Electronic Components Datasheet Search
  English  ▼

X  

WM8987 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8987
Description  Stereo CODEC for Portable Audio Applications
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8987 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8987 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8987 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
WM8987L
Production Data
w
PD Rev 4.0 August 2008
10
HEADPHONE OUTPUT THD VERSUS POWER (TYPICAL)
WM8987 THD+N v Output Power
BTL Headset Drive
0.01
0.1
1
10
100
0.1
1
10
100
Output Power (mW)
16ohm 3.3V
16ohm 2.7V
16ohm 1.8V
32ohm 3.3V
32ohm 2.7V
32ohm 1.8V
WM8987 THD+N v Output Power
Single Ended Headset Drive (AC Coupled)
0.01
0.1
1
10
0.1
1
10
100
Output Power (mW)
16ohm 3.3V
16ohm 2.7V
16ohm 1.8V
32ohm 3.3V
32ohm 2.7V
32ohm 1.8V
WM8987 THD+N v Output Power
Single Ended Headset Drive (Capless)
0.01
0.1
1
10
0.1
1
10
100
Output Power (mW)
16ohm 3.3V
16ohm 2.7V
16ohm 1.8V
32ohm 3.3V
32ohm 2.7V
32ohm 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com