Electronic Components Datasheet Search
  English  ▼

X  

SSF2649 Datasheet(PDF) 1 Page - Silikron Semiconductor Co.,LTD.

Part # SSF2649
Description  Advanced trench MOSFET process technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF2649 Datasheet(HTML) 1 Page - Silikron Semiconductor Co.,LTD.

  SSF2649 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF2649 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF2649 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF2649 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF2649 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF2649 Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
                                
SSF2649 
Main Product Characteristics:
©Silikron Semiconductor CO., LTD.
2011.05.25
Version: 1.0
page 1 of 6
www.silikron.com
 
VDSS
-20V
RDS(on) 49mohm(typ.)
ID
-7.9A
G1
D1
D2
G2
S1
S2
Marking and pin
Assignment
 
Schematic diagram
 
SOP-8
 
Features and Benefits:
 
 
 
Advanced trench MOSFET process technology
Special designed for PWM, load switching and
general purpose applications
Ultra low on-resistance with low gate charge
Fast switching and reverse body recovery
150℃ operating temperature
Description:
It utilizes the latest trench processing techniques to achieve the high cell density and reduces the
on-resistance with high repetitive avalanche rating. These features combine to make this design an extremely
efficient and reliable device for use in power switching application and a wide variety of other applications 
Absolute max Rating:
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
±10
V
ID
-7.9
A
Drain Current-Continuous@ Current-Pulsed (Note 1)
IDM
-30
A
Maximum Power Dissipation
PD
5
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
Thermal Resistance
Thermal Resistance,Junction-to-Ambient (Note 2)
RθJA
85
℃
/W


Similar Part No. - SSF2649

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF2649 GOOD-ARK-SSF2649 Datasheet
469Kb / 4P
20V Dual P-Channel MOSFET
SSF2649 GOOD-ARK-SSF2649_15 Datasheet
469Kb / 4P
20V Dual P-Channel MOSFET
More results

Similar Description - SSF2649

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF7N60F SILIKRON-SSF7N60F Datasheet
528Kb / 8P
Advanced trench MOSFET process technology
SSF1010 SILIKRON-SSF1010 Datasheet
422Kb / 8P
Advanced trench MOSFET process technology
SSF1020D SILIKRON-SSF1020D Datasheet
690Kb / 8P
Advanced trench MOSFET process technology
SSF1090A SILIKRON-SSF1090A Datasheet
721Kb / 8P
Advanced trench MOSFET process technology
SSF1109 SILIKRON-SSF1109 Datasheet
365Kb / 8P
Advanced trench MOSFET process technology
SSF1526 SILIKRON-SSF1526 Datasheet
656Kb / 8P
Advanced trench MOSFET process technology
SSF1530 SILIKRON-SSF1530 Datasheet
656Kb / 8P
Advanced trench MOSFET process technology
SSF6908 SILIKRON-SSF6908 Datasheet
858Kb / 8P
Advanced trench MOSFET process technology
SSF8509 SILIKRON-SSF8509 Datasheet
356Kb / 8P
Advanced trench MOSFET process technology
SSFT3904U SILIKRON-SSFT3904U Datasheet
724Kb / 8P
Advanced trench MOSFET process technology
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com