Electronic Components Datasheet Search
  English  ▼

X  

PSMBU152 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSMBU152
Description  AC/DC Open Frame Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSMBU152 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSMBU152 Datasheet HTML 1Page - Wall Industries,Inc. PSMBU152 Datasheet HTML 2Page - Wall Industries,Inc. PSMBU152 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc.
Rev A
PSMBU152 SERIES
150W Medical AC/DC Open Frame Power Supplies
11/18/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 3
MODEL SELECTION TABLE
Model Number
Input Voltage Range
Output Voltage
Output Current
Ripple & Noise
Total Regulation
Output Power
PSMBU152-105
12 VDC
12.5A
120mVp-p
5%
150W
PSMBU152-108
90 ~ 260 VAC
24 VDC
6.25A
240mVp-p
3%
150W
DERATING
Ambient Temperature (°C)
0
10
20
30
40
50
60
70
80
120
100
80
60
40
20
0
NOTES:
1. Operating Temperature: 0°C to +70°C
2. Derating linearly from 100% load at 50°C to 50% load at 70°C
MECHANICAL DRAWING
1.57 [40.0]
0.80 [20.3]
M3*P0.5 MOUNTING HOLES x 2
1.44 [36.6]
0.06 [1.6]
0.12 [3.0]
PITCH = 3.96mm
DC
OUTPUT
0.22 [5.7]
PITCH = 7.92mm
AC
INPUT
5.00 [127.0]
4.55 [115.6]
N
L
Ø0.16 (Ø4) MOUNTING HOLES x 4
LED
P1
P2
1
8
NOTES:
1. Unit: inches [mm]
2. Tolerance: ±0.02 [±0.5]
3. Weight: Approximately 14.82oz (420g)
4. Input Connector: Mates with Molex housing 09-50-3031 and Molex 2478 series crimp terminal
5. Output Connector: Mates with Molex housing 09-50-3081 and Molex 2478 series crimp terminal
or DINKLE#DT-2GN-B01W-04P and DINKLE#ESK750V-04P
6. All dimensions are for reference only
G



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com