Electronic Components Datasheet Search
  English  ▼

X  

PSMBU152 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSMBU152
Description  AC/DC Open Frame Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSMBU152 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSMBU152 Datasheet HTML 1Page - Wall Industries,Inc. PSMBU152 Datasheet HTML 2Page - Wall Industries,Inc. PSMBU152 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc.
Rev A
PSMBU152 SERIES
150W Medical AC/DC Open Frame Power Supplies
11/18/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 3
FEATURES
Class I
RoHS Compliant
Active Power Factor Correction
5” x 3” x 1.44” Open Frame Package
12VDC & 24VDC Single Outputs
150 Watts Output Power
Input to Output: 2MOPP
Up to 89% High Efficiency
Wide Input Voltage Range: 90~260VAC, 47~63Hz
Over Voltage & Over Current Protection
Meets FCC Part-18 Class B & CISPR-11 EN55011 Class B Emission Limits
ANSI/AAMI ES 60601-1: 2005 (UL/cUL 3rd Edition) & EN 60601-1: 2006
(TUV/T-mark 3rd Edition)
100% Burn-in Tested
DESCRIPTION
Size:
5.00 x 3.00 x 1.44 inches
127.0 x 76.2 x 36.6 mm
The PSMBU152 series of class I medical AC/DC switching power supplies provides 150 Watts of continuous output power in
a 5.00” x 3.00” x 1.44” open frame package. This series consists of 12VDC and 24VDC single output models with a wide input
voltage range of 90~260VAC. Some features include high efficiency up to 89%, active power factor correction, 2MOPP
insulation, and over current and over voltage protection. All models meet FCC Part-18 class B and CISPR-11 EN55011 class B
emission limits. This series also has ANSI/AAMI ES 60601-1: 2005 (UL/cUL 3rd edition) and EN 60601-1: 2006 (TUV/T-mark 3rd
edition) medical approvals. All models are RoHS compliant and have been 100% burn-in tested.
SPECIFICATIONS: PSMBU152 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Safety Approvals Input Voltage Range
100
240
Input Voltage
Operating Input Voltage Range
90
260
VAC
Input Frequency
47
63
Hz
100VAC, full load
1.74
1.76
Input Current
240VAC, full load
0.71
0.73
A
115VAC, full load, 25°C, cold start
50
Inrush Current
230VAC, full load, 25°C, cold start
100
A
No Load Power Consumption
230VAC, no load
1.2
W
Power Factor Correction
240VAC, full load
0.95
1
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Line Regulation
LL to HL, full load
0.5
1
%
Load Regulation
230VAC
3
5
%
Output Power
150
W
Output Current
See Table
Ripple & Noise (peak to peak)
90VAC, full load
1
%
Hold-up Time
110VAC, full load
20
ms
Start-up Time
100VAC, full load
2
s
Transient Response Time
100VAC, Full load to half load
4
ms
Temperature Coefficient
0~50°C
-0.04
+0.04
%/°C
PROTECTION
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
GENERAL SPECIFICATIONS
Efficiency
230VAC, full load
84
89
%
Primary to Secondary (2MOPP Insulation)
6990
Dielectric Withstanding Voltage
Primary to PE
2121
VDC
Isolation Resistance
Test Voltage = 500VDC
50
MΩ
Leakage Current
240VAC/60Hz
0.25
mA
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
Derating linearly from 100% Load at 50°C to 50% load at 70°C
0
+70
°C
Storage Temperature
-40
+85
°C
Operating Humidity
0
95
%
Storage Humidity
0
95
%
Operating Altitude
3000
m
Cooling
Free air convection
MTBF
MIL-HDBK-217F, 25°C
100,000
hours
PHYSICAL SPECIFICATIONS
Weight
14.82oz (420g)
Dimensions (L x W x H)
5.00 x 3.00 x 1.44 inches (127.0 x 76.2 x 36.6 mm)
Input Connector
See mechanical drawing
Output Connector
See mechanical drawing
SAFETY & EMC
Safety Approvals
ANSI/AAMI ES 60601-1: 2005 (UL/cUL 3rd edition); EN 60601-1:2006 (TUV/T-mark 3rd edition); CE
EMI Requirements for CISPR-11
220VAC
B
Class
EMI Requirements for FCC PART-18
110VAC
B
Class


Similar Part No. - PSMBU152

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSMBU153 WALL-PSMBU153 Datasheet
475Kb / 4P
AC/DC Switching Power Supplies
PSMBU153-105 WALL-PSMBU153-105 Datasheet
475Kb / 4P
AC/DC Switching Power Supplies
PSMBU153-108 WALL-PSMBU153-108 Datasheet
475Kb / 4P
AC/DC Switching Power Supplies
More results

Similar Description - PSMBU152

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPO-40D MPD-MPO-40D Datasheet
395Kb / 2P
Open Frame AC-DC Power Supplies
logo
RSG Electronic Componen...
LEA150F RSG-LEA150F_14 Datasheet
403Kb / 8P
AC-DC Power Supplies Open Frame/Enclosed type
LEB150F RSG-LEB150F_14 Datasheet
611Kb / 6P
AC-DC Power Supplies Open Frame/ Enclosed type
LFA10F RSG-LFA10F Datasheet
589Kb / 18P
AC-DC Power Supplies Open Frame/ Enclosed type
logo
Wall Industries,Inc.
PSMBU31 WALL-PSMBU31 Datasheet
224Kb / 3P
AC/DC Open Frame Power Supplies
PSSBU99 WALL-PSSBU99 Datasheet
106Kb / 3P
AC/DC Open Frame Power Supplies
PSSBU100 WALL-PSSBU100 Datasheet
312Kb / 4P
AC/DC Open Frame Switching Power Supplies
PSZLF75 WALL-PSZLF75 Datasheet
262Kb / 4P
AC/DC Open Frame LED Power Supplies
PSZLF100 WALL-PSZLF100 Datasheet
258Kb / 4P
AC/DC Open Frame LED Power Supplies
logo
COSEL CO., LTD.
LDC15F COSEL-LDC15F Datasheet
774Kb / 6P
AC-DC Power Supplies Open Frame/Enclosed Type
March 13, 2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com