Electronic Components Datasheet Search
  English  ▼

X  

SSF4607D Datasheet(PDF) 1 Page - Silikron Semiconductor Co.,LTD.

Part # SSF4607D
Description  Advanced trench MOSFET process technology
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF4607D Datasheet(HTML) 1 Page - Silikron Semiconductor Co.,LTD.

  SSF4607D Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF4607D Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF4607D Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF4607D Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF4607D Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF4607D Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSF4607D Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSF4607D Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD. SSF4607D Datasheet HTML 9Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SSF4607D
©Silikron Semiconductor CO.,LTD.
2012.03.22
Version : 1.0
page 1 of 9
www.silikron.com
Main Product Characteristics:
VDSS
-30V
RDS(on)
19m
Ω(typ.)
ID
-25A ①
Features and Benefits:
Description:
Absolute Max Rating:
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V(Silicon Limited)
-25 ①
A
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
-20 ①
IDM
Pulsed Drain Current ②
-60
PD @TC = 25°C
Power Dissipation
41
W
VDS
Drain-Source Voltage
-30
V
VGS
Gate-to-Source Voltage
±20
V
TJ
TSTG
Operating Junction and Storage Temperature Range
-55 to + 150
°C
Thermal Resistance
Symbol
Characterizes
Typ.
Max.
Units
RθJC
Junction-to-case③
—
3
℃/W
RθJA
Junction-to-ambient (t ≤ 10s) ④
—
25
℃/W
Junction-to-Ambient (PCB mounted, steady-state) ④
—
50
℃/W
Marking and pin
Assignment
Schematic diagram
Advanced trench MOSFET process technology
Special designed for PWM, load switching and
general purpose applications
Ultra low on-resistance with low gate charge
Fast switching and reverse body recovery
150℃ operating temperature
It utilizes the latest trench processing techniques to achieve the high cell density and reduces the
on-resistance with high repetitive avalanche rating. These features combine to make this design an extremely
efficient and reliable device for use in power switching application and a wide variety of other applications.
TO-252
D
G
S


Similar Part No. - SSF4607D

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF4607D GOOD-ARK-SSF4607D Datasheet
1Mb / 8P
30V P-Channel MOSFET
SSF4607D GOOD-ARK-SSF4607D_15 Datasheet
1Mb / 8P
30V P-Channel MOSFET
More results

Similar Description - SSF4607D

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF7N60F SILIKRON-SSF7N60F Datasheet
528Kb / 8P
Advanced trench MOSFET process technology
SSF1010 SILIKRON-SSF1010 Datasheet
422Kb / 8P
Advanced trench MOSFET process technology
SSF1020D SILIKRON-SSF1020D Datasheet
690Kb / 8P
Advanced trench MOSFET process technology
SSF1090A SILIKRON-SSF1090A Datasheet
721Kb / 8P
Advanced trench MOSFET process technology
SSF1109 SILIKRON-SSF1109 Datasheet
365Kb / 8P
Advanced trench MOSFET process technology
SSF1526 SILIKRON-SSF1526 Datasheet
656Kb / 8P
Advanced trench MOSFET process technology
SSF1530 SILIKRON-SSF1530 Datasheet
656Kb / 8P
Advanced trench MOSFET process technology
SSF6908 SILIKRON-SSF6908 Datasheet
858Kb / 8P
Advanced trench MOSFET process technology
SSF8509 SILIKRON-SSF8509 Datasheet
356Kb / 8P
Advanced trench MOSFET process technology
SSFT3904U SILIKRON-SSFT3904U Datasheet
724Kb / 8P
Advanced trench MOSFET process technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com