Electronic Components Datasheet Search
  English  ▼

X  

MIC5158YN Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5158YN
Description  Super LDO Regulator Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5158YN Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5158YN Datasheet HTML 1Page - Micrel Semiconductor MIC5158YN Datasheet HTML 2Page - Micrel Semiconductor MIC5158YN Datasheet HTML 3Page - Micrel Semiconductor MIC5158YN Datasheet HTML 4Page - Micrel Semiconductor MIC5158YN Datasheet HTML 5Page - Micrel Semiconductor MIC5158YN Datasheet HTML 6Page - Micrel Semiconductor MIC5158YN Datasheet HTML 7Page - Micrel Semiconductor MIC5158YN Datasheet HTML 8Page - Micrel Semiconductor MIC5158YN Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MIC5156/5157/5158
Micrel, Inc.
MIC5156/5157/5158
2
August 2005
Pin Configuration
Ordering Information MIC5156
Part Number
Temperature
Standard
Pb-Free
Voltage
Range
Package
MIC5156-3.3BN
MIC5156-3.3YN
3.3V
–40°C to +85°C
8-pin DIP
MIC5156-5.0BN
MIC5156-5.0YN
5.0V
–40°C to +85°C
8-pin DIP
MIC5156BN
MIC5156YN
Adj
–40°C to +85°C
8-pin DIP
MIC5156-3.3BM
MIC5156-3.3YM
3.3V
–40°C to +85°C
8-pin SOIC
MIC5156-5.0BM
MIC5156-5.0YM
5.0V
–40°C to +85°C
8-pin SOIC
MIC5156BM
MIC5156YM
Adj
–40°C to +85°C
8-pin SOIC
Ordering Information MIC5157
Part Number
Temperature
Standard
Pb-Free
Voltage
Range
Package
MIC5157BN
MIC5157YN
Selectable
–40°C to +85°C
14-pin DIP
MIC5157BM
MIC5157YM
Selectable
–40°C to +85°C
14-pin SOIC
Ordering Information MIC5158
Part Number
Temperature
Standard
Pb-Free
Voltage
Range
Package
MIC5158BN
MIC5158YN
5.0V/Adj
–40°C to +85°C
14-pin DIP
MIC5158BM
MIC5158YM
5.0V/Adj
–40°C to +85°C
14-pin SOIC
1
2
3
4
EN
FLAG
S (Source)
GND
VP
D (Drain)
VD D
G (Gate)
8
7
6
5
MIC5156-x.x
1
2
3
4
EA
5V FB
EN
FLAG
GND
S (Source)
G (Gate)
D (Drain)
14
13
12
11
MIC5158
5
6
7
VCP
C2–
C2+
VD D
C1+
C1–
10
9
8
1
2
3
4
5V
3.3V
EN
FLAG
GND
S (Source)
G (Gate)
D (Drain)
14
13
12
11
MIC5157
5
6
7
VCP
C2–
C2+
VD D
C1+
C1–
10
9
8
1
2
3
4
EN
FLAG
GND
VP
D (Drain)
VD D
G (Gate)
8
7
6
5
MIC5156
EA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com