Electronic Components Datasheet Search
  English  ▼

X  

MIC5158YN Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5158YN
Description  Super LDO Regulator Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5158YN Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5158YN Datasheet HTML 1Page - Micrel Semiconductor MIC5158YN Datasheet HTML 2Page - Micrel Semiconductor MIC5158YN Datasheet HTML 3Page - Micrel Semiconductor MIC5158YN Datasheet HTML 4Page - Micrel Semiconductor MIC5158YN Datasheet HTML 5Page - Micrel Semiconductor MIC5158YN Datasheet HTML 6Page - Micrel Semiconductor MIC5158YN Datasheet HTML 7Page - Micrel Semiconductor MIC5158YN Datasheet HTML 8Page - Micrel Semiconductor MIC5158YN Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
August 2005
3
MIC5156/5157/5158
MIC5156/5157/5158
Micrel, Inc.
Pin Description MIC5156
Pin Number
Pin Name
Pin Function
1
EN
Enable (Input): TTL high enables regulator; TTL low shuts down regulator.
2
FLAG
Output Flag (Output): Open collector output is active (low) when VOUT is more
than 8% below nominal output. Circuit has 3% hysteresis.
3
GND
Circuit ground.
4
VP
N-channel Gate Drive Supply Voltage: User supplied voltage for driving the
gate of the external MOSFET.
5
VDD
Supply Voltage (Input): Supply voltage connection. Connect sense resis-
tor (RS) to VDD if current limiting used. Connect supply bypass capacitor to
ground near device.
6
G
Gate (Output): Drives the gate of the external MOSFET.
7
D
Drain and Current Limit (Input): Connect to external MOSFET drain and ex-
ternal sense resistor (current limit), or connect to VDD and external MOSFET
drain (no current limit).
8 (3.3V, 5V)
S
Source (Input): Top of internal resistive divider chain. Connect directly to the
load for best load regulation.
8 (adjustable)
EA
Error Amplifier (Input): Connect to external resistive divider.
Pin Description MIC5157, MIC5158
Pin Number
Pin Name
Pin Function
1 (MIC5157)
5V
5V Configuration (Input): Connect to S (source) pin for 5V output.
1 (MIC5158)
EA
Error Amplifier (Input): Connect to external resistive divider to obtain adjust-
able output.
2 (MIC5157)
3.3V
3.3V Configuration (Input): Connect to S (source) pin for 3.3V output.
2 (MIC5158)
5VFB
5V Feedback (Input): Connect to EA for fixed 5V output.
3
FLAG
Output Voltage Flag (Output): Open collector is active (low) when VOUT is 8%
or more below its nominal value.
4
GND
Circuit ground.
5
VCP
Voltage Tripler Output [Filter Capacitor]. Connect a 1 to 10µF capacitor to ground.
6
C2–
Charge Pump Capacitor 2: Second stage of internal voltage tripler. Connect a
0.1µF capacitor from C2+ to C2–.
7
C2+
Charge Pump Capacitor 2: See C2– pin 6.
8
C1+
Charge Pump Capacitor 1: First stage of internal voltage tripler. Connect a
0.1µF capacitor from C1+ to C1–.
9
C1–
Charge Pump Capacitor 1: See C1+ pin 8.
10
VDD
Supply Voltage (Input): Supply voltage connection. Connect sense resis-
tor (RS) to VDD if current limiting used. Connect supply bypass capacitor to
ground near device.
11
G
Gate (Output): Connect to External MOSFET gate.
12
D
Drain and Current Limit (Input): Connect to external MOSFET drain and ex-
ternal sense resistor (current limit), or connect to VDD and external MOSFET
drain (no current limit).
13 (MIC5157)
S
Source and 3.3V/5V Configuration: Top of internal resistor chain. Connect to
source of external MOSFET for 3.3V, 5V, and 12V operation. Also see 3.3V
and 5V pin descriptions.
13 (MIC5158)
S
Source (Input): Top of internal resistor chain. Connect to top of external resis-
tive divider and source of external MOSFET.
14
EN
Enable (Input): TTL high enables regulator; TTL low shuts down regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com