Electronic Components Datasheet Search
  English  ▼

X  

STGW60H65DF Datasheet(PDF) 2 Page - STMicroelectronics

Part # STGW60H65DF
Description  60 A, 650 V field stop trench gate IGBT with very fast diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW60H65DF Datasheet(HTML) 2 Page - STMicroelectronics

  STGW60H65DF Datasheet HTML 1Page - STMicroelectronics STGW60H65DF Datasheet HTML 2Page - STMicroelectronics STGW60H65DF Datasheet HTML 3Page - STMicroelectronics STGW60H65DF Datasheet HTML 4Page - STMicroelectronics STGW60H65DF Datasheet HTML 5Page - STMicroelectronics STGW60H65DF Datasheet HTML 6Page - STMicroelectronics STGW60H65DF Datasheet HTML 7Page - STMicroelectronics STGW60H65DF Datasheet HTML 8Page - STMicroelectronics STGW60H65DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Electrical ratings
STGW60H65DF
2/13
Doc ID 023011 Rev 4
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCES
Collector-emitter voltage (VGE = 0)
650
V
IC
Continuous collector current at TC = 25 °C
120
A
IC
Continuous collector current at TC = 100 °C
60
A
ICP
(1)
1.
Pulse width limited by maximum junction temperature and turn-off within RBSOA
Pulsed collector current
240
A
VGE
Gate-emitter voltage
±20
V
IF
Continuous forward current at TC = 25 °C
120
A
IF
Continuous forward current at TC = 100 °C
60
A
IFP
(1)
Pulsed forward current
240
A
PTOT
Total dissipation at TC = 25 °C
360
W
tSC
Short-circuit withstand time at VCC = 400 V,
VGE = 15 V
6µs
TSTG
Storage temperature range
- 55 to 150
°C
TJ
Operating junction temperature
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case IGBT
0.35
°C/W
RthJC
Thermal resistance junction-case diode
1.38
°C/W
RthJA
Thermal resistance junction-ambient
50
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com