Electronic Components Datasheet Search
  English  ▼

X  

STGW60H65DF Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGW60H65DF
Description  60 A, 650 V field stop trench gate IGBT with very fast diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW60H65DF Datasheet(HTML) 5 Page - STMicroelectronics

  STGW60H65DF Datasheet HTML 1Page - STMicroelectronics STGW60H65DF Datasheet HTML 2Page - STMicroelectronics STGW60H65DF Datasheet HTML 3Page - STMicroelectronics STGW60H65DF Datasheet HTML 4Page - STMicroelectronics STGW60H65DF Datasheet HTML 5Page - STMicroelectronics STGW60H65DF Datasheet HTML 6Page - STMicroelectronics STGW60H65DF Datasheet HTML 7Page - STMicroelectronics STGW60H65DF Datasheet HTML 8Page - STMicroelectronics STGW60H65DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STGW60H65DF
Electrical characteristics
Doc ID 023011 Rev 4
5/13
2.1
Electrical characteristics (curves)
Figure 2.
Output characteristics (TJ = -40 °C) Figure 3.
Output characteristics (TJ = 25 °C)
Figure 4.
Output characteristics (TJ = 150 °C) Figure 5.
Transfer characteristics
Figure 6.
VCE(SAT) vs. junction temperature
Figure 7.
VCE(SAT) vs. collector current
AM11847v1
0
20
40
60
80
100
120
140
160
180
200
220
01234
IC (A)
VCE (V)
9V
11V
13V
VGE = 15V
VGE = 20V
AM11848v1
0
20
40
60
80
100
120
140
160
180
200
220
01234
IC (A)
VCE (V)
9V
11V
13V
VGE = 15V
VGE = 20V
AM11849v1
0
20
40
60
80
100
120
140
160
180
200
220
01234
IC (A)
VCE (V)
9V
11V
13V
VGE = 15V
VGE = 20V
AM11850v1
0
20
40
60
80
100
120
140
160
180
200
220
6
7
8
9
10
11
12
(V)
IC (A)
VGE
TJ = -40°C
TJ = 25°C
TJ = 150°C
VCE = 10V
AM11851v1
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
-50
-25
0
25
50
75
100
125
VCE (V)
TJ (ºC)
IC= 120A
IC= 60A
IC= 30A
AM11852v1
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
30
40
50
60
70
80
90
100
110
VCE (V)
IC (A)
TJ = -40°C
TJ = 25°C
TJ = 150°C
VGE =15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com