Electronic Components Datasheet Search
  English  ▼

X  

HD74ACT182 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HD74ACT182
Description  Carry Lookhead Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74ACT182 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HD74ACT182 Datasheet HTML 1Page - Hitachi Semiconductor HD74ACT182 Datasheet HTML 2Page - Hitachi Semiconductor HD74ACT182 Datasheet HTML 3Page - Hitachi Semiconductor HD74ACT182 Datasheet HTML 4Page - Hitachi Semiconductor HD74ACT182 Datasheet HTML 5Page - Hitachi Semiconductor HD74ACT182 Datasheet HTML 6Page - Hitachi Semiconductor HD74ACT182 Datasheet HTML 7Page - Hitachi Semiconductor HD74ACT182 Datasheet HTML 8Page - Hitachi Semiconductor HD74ACT182 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
HD74AC182/HD74ACT182
5
DC Characteristics (unless otherwise specified)
Item
Symbol
Max
Unit
Condition
Maximum quiescent supply current
I
CC
80
µAV
IN = VCC or ground, VCC = 5.5 V,
Ta = Worst case
Maximum quiescent supply current
I
CC
8.0
µAV
IN = VCC or ground, VCC = 5.5 V,
Ta = 25
°C
Maximum I
CC/input (HD74ACT182)
I
CCT
1.5
mA
V
IN = VCC – 2.1 V, VCC = 5.5 V,
Ta = Worst case
AC Characteristics: HD74AC182
Ta = +25
°C
C
L = 50 pF
Ta = –40
°C to +85°C
C
L = 50 pF
Item
Symbol
V
CC (V)*
1
Min
Typ
Max
Min
Max
Unit
Propagation delay
t
PLH
3.3
1.0
8.0
10.5
1.0
11.5
ns
P
n to P
5.0
1.0
5.5
8.0
1.0
9.0
Propagation delay
t
PHL
3.3
1.0
8.0
10.5
1.0
11.5
ns
P
n to P
5.0
1.0
5.5
8.0
1.0
9.0
Propagation delay
t
PLH
3.3
1.0
9.5
12.0
1.0
13.0
ns
C
n to Cn + x, y, z
5.0
1.0
7.5
10.0
1.0
11.0
Propagation delay
t
PHL
3.3
1.0
9.0
12.0
1.0
13.0
ns
C
n to Cn + x, y, z
5.0
1.0
7.0
10.0
1.0
11.0
Propagation delay
t
PLH
3.3
1.0
10.5
13.0
1.0
14.0
ns
P
n or Gn to Cn + x, y, z
5.0
1.0
8.0
10.5
1.0
11.5
Propagation delay
t
PHL
3.3
1.0
11.5
14.0
1.0
15.5
ns
P
n or Gn to Cn + x, y, z
5.0
1.0
9.0
11.5
1.0
12.5
Note:
1. Voltage Range 3.3 is 3.3 V
± 0.3 V
Voltage Range 5.0 is 5.0 V
± 0.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com