Electronic Components Datasheet Search
  English  ▼

X  

WS2585 Datasheet(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS2585
Description  WS2585 Low Power Primary Side AC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS2585 Datasheet(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS2585 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2585 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2585 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2585 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2585 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2585 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2585 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2585 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2585 Datasheet HTML 9Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
W/T-D022-Rev.A/1 May.2014
WS2585 Product Description
WINSEM I
M ICROELECTRONICS
WINSEM I
M ICROELECTRONICS
WINSEM I
M ICROELECTRONICS
WINSEM I
M ICROELECTRONICS
WINSEM I
M ICROELECTRONICS
0513
Features
Features
Features
Features
■ Build-in 530V(Vceo) NPN power transistor
■ No-load power Less than100mW
■ Lower start-up current
■ Frequency jittering
■ Build-in Leading Edge Blanking
■ Cycle by cycle over current protection (OCP)
■ Under voltage lockout
■ ±5% CC、CV Accuracy
■ Ultra low standby power (<100mW)
Applications
Applications
Applications
Applications
■ Adapters/Chargers for Cell phones, PDAs, MP3 and other
portable apparatus
■ LED Driver
■ Standby and Auxiliary power supplies
Typical
Typical
Typical
Typical Application
Application
Application
Application Circuit
Circuit
Circuit
Circuit
The WS2585 is a high performance AC/DC power supply
converter for battery charger and adapter applications.
The device uses Pulse Frequency Modulation (PFM)
method to build discontinuous conduction mode (DCM)
flyback power supplies. The WS2585 provides accurate
constant voltage and constant current (CC/CV) regulation
without requiring the opto-coupler and the secondary control
circuitry.
It also eliminates the need of loop compensation circuitry
while maintaining stability.
The WS2585 achieves excellent regulation and high power
efficiency, the no-load power consumption is less than
100mW.
The WS2585 is available in DIP8 package.
WS2585
WS2585
WS2585
WS2585 Low
Low
Low
Low Power
Power
Power
Power Primary
Primary
Primary
Primary Side
Side
Side
Side AC/DC
AC/DC
AC/DC
AC/DC Converter
Converter
Converter
Converter
General
General
General
General Description
Description
Description
Description
1
2
3
4
8
7
6
5
C P C
F B
G N D
V C C
C
C
E
C S
L
N
V +
V -


Similar Part No. - WS2585

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS2580 WINSEMI-WS2580 Datasheet
204Kb / 9P
Low Power Primary Side AC/DC Controller
More results

Similar Description - WS2585

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS2268 WINSEMI-WS2268 Datasheet
226Kb / 8P
Primary Side AC/DC Controller
WS2580 WINSEMI-WS2580 Datasheet
204Kb / 9P
Low Power Primary Side AC/DC Controller
logo
Dialog Semiconductor
IW1791 DIALOG-IW1791 Datasheet
462Kb / 6P
AC/DC Primary-Side Rapid ChargeTM PWM Controller
logo
Maxic Technology Corpor...
MT7950H MAXIC-MT7950H Datasheet
182Kb / 1P
High Accuracy, Primary-side AC-DC LED Driver
MT7952 MAXIC-MT7952 Datasheet
182Kb / 1P
High Accuracy, Primary-side AC-DC LED Driver
MT7955 MAXIC-MT7955 Datasheet
183Kb / 1P
High Accuracy, Primary-side AC-DC LED Driver
MT7958 MAXIC-MT7958 Datasheet
183Kb / 1P
High Accuracy, Primary-side AC-DC LED Driver
logo
AiT Semiconductor Inc.
AP8836 AITSEMI-AP8836 Datasheet
586Kb / 15P
AC-DC PWM CONTROLLER HIGH PRECISION CC/CV PRIMARY-SIDE CONVERTER
REV1.1
logo
Wuxi Chipown Micro-elec...
PN8359 CHIPOWN-PN8359 Datasheet
243Kb / 5P
High-precision CC/CV primary-side feedback AC-DC converter
Rev.A
PN8366 CHIPOWN-PN8366 Datasheet
389Kb / 9P
Ultra-low standby power consumption quasi-resonant primary-side feedback AC-DC converter
Rev.A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com