Electronic Components Datasheet Search
  English  ▼

X  

WS2585 Datasheet(PDF) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS2585
Description  WS2585 Low Power Primary Side AC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS2585 Datasheet(HTML) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS2585 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2585 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2585 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2585 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2585 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2585 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2585 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2585 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2585 Datasheet HTML 9Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.winsemi.com
Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
2/9
WS2585 Product Description
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
Pin
Pin
Pin
Pin Definition
Definition
Definition
Definition and
and
and
and Device
Device
Device
Device Marking
Marking
Marking
Marking
WS2585 is offered in DIP-8 packages,as shown below:
Pin
Pin
Pin
Pin Function
Function
Function
Function Description
Description
Description
Description
Pin
Pin
Pin
Pin number
number
number
number
Pin
Pin
Pin
Pin name
name
name
name
Function
Function
Function
Function
1
CPC
Cable voltage compensation input pin, connects to an external filter
capacitor
2
FB
Feedback input
3
GND
Ground
4
VCC
Power supply
5
CS
Current sense input
6
E
Emitter of the internal NPN power transistor
7
C
Collector of the internal NPN power transistor
8
C
Collector of the internal NPN power transistor
Block
Block
Block
Block Diagram
Diagram
Diagram
Diagram
WS2585D8P:
A: Product Code
X: Internal Code
B:Area Code
YM:Year Month
C P C
F B
G N D
V C C
C
C
E
C S
1
2
3
4
8
7
6
5
C P C
O P C阀 值 选 择
Cable 补
偿
E A
R
Q
S
C V
Z C D
F B
C S
O C P阀 值 选 择
Li ne 补 偿
0 . 5 V
0 . 4 V
恒 流 控 制
R
Q
S
C C
V C C
C
E
G N D
Regulat or
&
B I A S
V D D _ 5 V
恒 流 控 制
2
5
1
4
7 / 8
6
3
P re-O C P
T o n s
Declector
D R I V E R
T O N S
p f m
p f m
R C滤 波



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com