Electronic Components Datasheet Search
  English  ▼

X  

WS3230 Datasheet(PDF) 7 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS3230
Description  WS3230 High PF PSR Constant Current LED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS3230 Datasheet(HTML) 7 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS3230 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3230 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3230 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3230 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3230 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3230 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3230 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Steady,
Steady,
Steady,
Steady, keep
keep
keep
keep you
you
you
you advance
advance
advance
advance
7/7
WS
WS
WS
WS3230
3230
3230
3230
Package
Package
Package
Package Information
Information
Information
Information
SOT23-
SOT23-
SOT23-
SOT23-5
5
5
5 Package
Package
Package
Package Outline
Outline
Outline
Outline Dimensions
Dimensions
Dimensions
Dimensions
Symbol
Symbol
Symbol
Symbol
Dimensions
Dimensions
Dimensions
Dimensions In
In
In
In Mil
Mil
Mil
Milllllimeters
imeters
imeters
imeters
Dimensions
Dimensions
Dimensions
Dimensions in
in
in
in Inches
Inches
Inches
Inches
Min
Min
Min
Min
Max
Max
Max
Max
Min
Min
Min
Min
Max
Max
Max
Max
A
-
1.35
-
0.0531
A1
0.04
0.15
0.0016
0.0059
A2
1.00
1.20
0.0394
0.0472
A3
0.55
0.75
0.0217
0.0295
b
0.38
0.43
0.0150
0.0169
b1
0.37
0.43
0.0146
0.0169
c
0.11
0.21
0.0043
0.0083
c1
0.10
0.16
0.0039
0.0063
D
2.72
3.12
0.1071
0.1228
E
2.60
3.00
0.1024
0.1181
E1
1.40
1.80
0.0551
0.0709
e
0.95 BSC
0.0374BSC
e1
1.90 BSC
0.075BSC
L
0.30
0.60
0.0118
0.0236
θ
0°
8°
0°
8°
BASE METAL
W I T H PLAT I NG
SECT I O N B-B
D
e 1
e
B
B
0 . 2 5
b
b 1
c 1 c
θ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com