Electronic Components Datasheet Search
  English  ▼

X  

WS3230 Datasheet(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS3230
Description  WS3230 High PF PSR Constant Current LED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS3230 Datasheet(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS3230 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3230 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3230 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3230 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3230 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3230 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3230 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Copyright@Winsemi Mic roelectronic s Co., Ltd., All right r es erved.
W/T-Y026-Rev.A/0 Aug.2013
WS
WS
WS
WS3230
3230
3230
3230
Features
Features
Features
Features
�
±5% LED Current Accuracy
�
Primary-side Sensing and Regulation Without
TL431 and Opto-coupler
�
No Auxiliary Winding For Sensing And Supplying
�
High Power Factor Correction
�
Ultra low operating current
�
LED Open/Short Circuit Protection
�
CS Resistor Short Circuit Protection
�
VCC over voltage protection & under voltage
lockout( UVLO)
�
Over Temperature Protection
Applications
Applications
Applications
Applications
�
GU10 LED driver
�
LED spot light
�
Other LED lighting
General
General
General
General Description
Description
Description
Description
WS3230 is a high precision QR primary-side feedback
and regulation controller for LED lighting, optimized for
flyback converter with the output power less than 30W.
Since adopting primary sense and feedback control
technology, the secondary sense and feedback circuit is
eliminated. And WS3230 does not need the auxiliary
winding for sensing the output current and supplying the
chip. The low component counts and small system size
are realized.
Since using the high accurate current sense method,
WS3230 realizes ±5% accuracy of LED current along with
excellent line and load regulation.
WS3230
offers
comprehensive
protection
including
Cycle-by-Cycle current limiting (OCP), LED open/short
circuit protection, CS resistor short circuit protection, VCC
UVLO,OVP and Clamp, and over temperature protection.
WS3230 is available in SOT23-5 package.
Typical
Typical
Typical
Typical Application
Application
Application
Application Circuit
Circuit
Circuit
Circuit
WS3230 High PF PSR Constant Current LED Driver
A C
NP
NS
V C C
G a te
C o m p
G N D
C S
1
4
5
2
3


Similar Part No. - WS3230

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS3231 WINSEMI-WS3231 Datasheet
202Kb / 7P
WS3231 High PF PSR Constant Current LED Driver
WS3232 WINSEMI-WS3232 Datasheet
203Kb / 7P
WS3232 High PF PSR Constant Current LED Driver
More results

Similar Description - WS3230

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS3231 WINSEMI-WS3231 Datasheet
202Kb / 7P
WS3231 High PF PSR Constant Current LED Driver
WS3232 WINSEMI-WS3232 Datasheet
203Kb / 7P
WS3232 High PF PSR Constant Current LED Driver
logo
List of Unclassifed Man...
WS3240 ETC2-WS3240 Datasheet
603Kb / 8P
High Precision PSR LED Constant Current Driver
WS9221B ETC2-WS9221B Datasheet
388Kb / 8P
High Precision PSR Constant Current LED Driver
WS9224 ETC2-WS9224 Datasheet
552Kb / 7P
High Precision PSR Constant Current LED Driver
WS9226 ETC2-WS9226 Datasheet
553Kb / 8P
High Precision PSR Constant Current LED Driver
WS9256 ETC2-WS9256 Datasheet
680Kb / 8P
High Precision PSR Constant Current LED Driver
logo
Shenzhen Winsemi Microe...
WS9254 WINSEMI-WS9254 Datasheet
598Kb / 8P
High Precision PSR Constant Current LED Driver
WS3241 WINSEMI-WS3241 Datasheet
604Kb / 8P
High Precision PSR LED Constant Current Driver
logo
Bright Power Semiconduc...
BP3125 BPS-BP3125 Datasheet
400Kb / 10P
High Precision PSR Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com