Electronic Components Datasheet Search
  English  ▼

X  

MD0105 Datasheet(PDF) 2 Page - Supertex, Inc

Part # MD0105
Description  Four-Channel High Voltage Protection T/R Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD0105 Datasheet(HTML) 2 Page - Supertex, Inc

  MD0105 Datasheet HTML 1Page - Supertex, Inc MD0105 Datasheet HTML 2Page - Supertex, Inc MD0105 Datasheet HTML 3Page - Supertex, Inc MD0105 Datasheet HTML 4Page - Supertex, Inc MD0105 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Supertex inc.
www.supertex.com
Doc.# DSFP-MD0105
C070213
MD0105
Absolute Maximum Ratings
Pin Configurations
Product Marking
18-Lead DFN
(top view)
(Pads are at bottom of device)
Package may or may not include the following marks: Si or
18-Lead DFN
Parameter
Value
V
A - VB, Differential voltage drop
0 to ±140V
Maximum junction temperature
+125°C
Storage temperature range
-65°C to 150°C
Power dissipation, 18-Lead DFN2
1.6W
Notes:
1. Absolute Maximum Ratings are those values beyond which damage to
the device may occur. Functional operation under these conditions is not
implied. Continuous operation of the device at the absolute rating level may
affect device reliability. All voltages are referenced to device ground.
2. Mounted on FR4 board, 25mm x 25mm x 1.57mm
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
NC
B1
NC
B2
NC
B3
NC
B4
NC
NC
A1
NC
A2
NC
A3
NC
A4
NC
MD0105
LLLLLL
YYW W
AAACCC
L = Lot Number
YY = Last Digit of Year Sealed
WW = Code for Week Sealed
A = Assembler ID
C = Country of Origin
= “Green” Packaging
Electrical Characteristics
(T
J = 25ºC, unless otherwise specified)
Sym
Parameter
Min
Typ
Max
Units Conditions
V
A-B
Max. differential input voltage from A to B
±130
-
-
V
I
A-B = ±1.0mA
R
SW
Switch ON resistance from A to B
-
15
-
Ω
I
A-B = ±5.0mA
V
TRIP
V
A-B trip point to turn off
-
±1.0
±2.0
V
---
V
OFF
Switch turn off voltage
-
±2.0
-
V
I
A-B = ±1.0mA
I
A-B(OFF)
Switch off current
-
±200
±300
µA
V
A-B = ±130V
I
PEAK
Peak switching current
-
±60
-
mA
---
T
OFF
Turn off time
-
-
20
ns
---
T
ON
Turn on time
-
-
20
ns
---
C
SW(ON)
Switch ON capacitance from A to B
-
21
-
pF
SW = ON
C
SW(OFF)
Switch OFF capacitance from A to B
-
15
-
pF
V
SW = 25V
BW
Small signal bandwidth
-
100
-
MHz R
LOAD = 50Ω
T
J
Operating junction temperature
-40
-
+125
°C
---
Ordering Information
Part Number
Package
Packing
MD0105K6-G
18-Lead DFN (5x5)
490/Tray
MD0105K6-G M932
18-Lead DFN (5x5)
2500/Reel
Typical Thermal Resistance
Package
θ
ja
18-Lead DFN
30OC/W
ESD Sensitive Device



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com