Electronic Components Datasheet Search
  English  ▼

X  

MD0105 Datasheet(PDF) 3 Page - Supertex, Inc

Part # MD0105
Description  Four-Channel High Voltage Protection T/R Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD0105 Datasheet(HTML) 3 Page - Supertex, Inc

  MD0105 Datasheet HTML 1Page - Supertex, Inc MD0105 Datasheet HTML 2Page - Supertex, Inc MD0105 Datasheet HTML 3Page - Supertex, Inc MD0105 Datasheet HTML 4Page - Supertex, Inc MD0105 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Supertex inc.
www.supertex.com
Doc.# DSFP-MD0105
C070213
MD0105
Block Diagram
Switch Control
COM
A
B
Typical I-V Characteristics
I
A-B
-V
OFF
-V
TRIP
+130V
I
A-B = -200µA
-130V
I
A-B = +200µA
V
A-B
R
SW = 15Ω
+I
PEAK
-I
PEAK
+V
TRIP
+V
OFF
+1.0mA
+1.0mA
Functional Description
The Supertex MD0105 can be considered as a normally
closed switch controlled by a switch control (please refer to
the block diagram). The switch control monitors the voltage
drop across terminals A and B. If the voltage difference is
greater than ±2.0V, the T/R switch will start to open. Once
in the open state, there is a small amount of current flowing
through the T/R switch, 200µA, to detect if the high voltage
is still present or not.
The T/R switch will not close until the voltage across termi-
nal A and B drops below ±2.0V. A pair of back-to-back di-
odes from the receive side of the switch to ground is needed
to complete the circuit and to allow the initial peak current
(about 60mA) to flow through the switch so it can drop ±2.0V.
If the diodes are not present, then there is no current path
and the voltage drop across terminal A and B will be less
than ±2.0V, so the switch will remain in the closed position.
The MD0105 does not require any power supply. There are
only two active pins; one connects to the transmitter side,
one connects to the receiver side.
On Resistance
When the voltage across terminals A and B are below ±2.0V,
the switch is in the receive mode and the R
ON is typically 15Ω.
Once the voltage across the terminals A and B is greater
than ±2.0V, the switch is in the transmit mode and blocking
the high voltage pulses from passing through to the receiver
and damaging it.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com