Electronic Components Datasheet Search
  English  ▼

X  

TN0106 Datasheet(PDF) 1 Page - Supertex, Inc

Part # TN0106
Description  N-Channel Enhancement-Mode Vertical DMOS FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TN0106 Datasheet(HTML) 1 Page - Supertex, Inc

  TN0106 Datasheet HTML 1Page - Supertex, Inc TN0106 Datasheet HTML 2Page - Supertex, Inc TN0106 Datasheet HTML 3Page - Supertex, Inc TN0106 Datasheet HTML 4Page - Supertex, Inc TN0106 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Supertex inc.
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
TN0106
Features
► Low threshold - 2.0V max.
► High input impedance
► Low input capacitance - 50pF typical
► Fast switching speeds
► Low on-resistance
► Free from secondary breakdown
► Low input and output leakage
Applications
► Logic level interfaces – ideal for TTL and CMOS
► Solid state relays
► Battery operated systems
► Photo voltaic drives
► Analog switches
► General purpose line drivers
► Telecom switches
General Description
This low threshold, enhancement-mode (normally-off) transistor
utilizes a vertical DMOS structure and Supertex’s well-proven,
silicon-gate manufacturing process. This combination produces
a device with the power handling capabilities of bipolar transistors
and the high input impedance and positive temperature coefficient
inherent in MOS devices. Characteristic of all MOS structures,
this device is free from thermal runaway and thermally-induced
secondary breakdown.
Supertex’s vertical DMOS FETs are ideally suited to a wide range
of switching and amplifying applications where very low threshold
voltage, high breakdown voltage, high input impedance, low
input capacitance, and fast switching speeds are desired.
N-Channel Enhancement-Mode
Vertical DMOS FET
Absolute Maximum Ratings
Parameter
Value
Drain-to-source voltage
BV
DSS
Drain-to-gate voltage
BV
DGS
Gate-to-source voltage
±20V
Operating and storage temperature
-55OC to +150OC
Absolute Maximum Ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. Continuous
operation of the device at the absolute rating level may affect device reliability. All
voltages are referenced to device ground.
TO-92 (N3)
GATE
SOURCE
DRAIN
YY = Year Sealed
WW = Week Sealed
= “Green” Packaging
SiTN
0106
YYWW
TO-92 (N3)
Product Marking
Package may or may not include the following marks: Si or
Pin Configurations
Ordering Information
Device
Package
Wafer / Die Options
TO-92
NW
(Die in wafer form)
NJ
(Die on adhesive tape)
ND
(Die in waffle pack)
TN0106
TN0106N3-G
TN1506NW
TN1506NJ
TN1506ND
For packaged products, -G indicates package is RoHS compliant (‘Green’). Devices in Wafer / Die form are RoHS compliant (‘Green’).
Refer to Die Specification VF15 for layout and dimensions.
Product Summary
Device
BV
DSS/BVDGS
(V)
R
DS(ON)
(max)
(Ω)
I
D(ON)
(min)
(A)
V
GS(th)
(max)
(V)
TN0106N3-G
60
3.0
2.0
2.0


Similar Part No. - TN0106

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TN0106 SUTEX-TN0106 Datasheet
27Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FETs
logo
List of Unclassifed Man...
TN0106 ETC1-TN0106 Datasheet
66Kb / 2P
N-CHANNEL ENHANCEMENT-MODE D-MOS POWER FETs
logo
Supertex, Inc
TN0106N3 SUTEX-TN0106N3 Datasheet
27Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FETs
logo
List of Unclassifed Man...
TN0106N3 ETC1-TN0106N3 Datasheet
66Kb / 2P
N-CHANNEL ENHANCEMENT-MODE D-MOS POWER FETs
TN0106ND ETC1-TN0106ND Datasheet
66Kb / 2P
N-CHANNEL ENHANCEMENT-MODE D-MOS POWER FETs
More results

Similar Description - TN0106

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSS123 ZETEX-BSS123 Datasheet
45Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
VN10LP ZETEX-VN10LP Datasheet
22Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN0540A ZETEX-ZVN0540A Datasheet
26Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN1409A ZETEX-ZVN1409A Datasheet
49Kb / 3P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2106G ZETEX-ZVN2106G Datasheet
30Kb / 2P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110A ZETEX-ZVN2110A Datasheet
87Kb / 3P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4106F ZETEX-ZVN4106F Datasheet
41Kb / 2P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4210A ZETEX-ZVN4210A Datasheet
37Kb / 2P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVNL110A ZETEX-ZVNL110A Datasheet
22Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
VN2222LL ZETEX-VN2222LL Datasheet
18Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com