Electronic Components Datasheet Search
  English  ▼

X  

TP0604 Datasheet(PDF) 1 Page - Supertex, Inc

Part # TP0604
Description  P-Channel Enhancement-Mode Vertical DMOS FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP0604 Datasheet(HTML) 1 Page - Supertex, Inc

  TP0604 Datasheet HTML 1Page - Supertex, Inc TP0604 Datasheet HTML 2Page - Supertex, Inc TP0604 Datasheet HTML 3Page - Supertex, Inc TP0604 Datasheet HTML 4Page - Supertex, Inc TP0604 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Supertex inc.
Supertex inc.
www.supertex.com
TP0604
Doc.# DSFP-TP0604
C082012
Features
► Low threshold (-2.4V max.)
► High input impedance
► Low input capacitance (95pF typical)
► Fast switching speeds
► Low on-resistance
► Free from secondary breakdown
► Low input and output leakage
Applications
► Logic level interfaces - ideal for TTL and CMOS
► Solid state relays
► Battery operated systems
► Photo voltaic drives
► Analog switches
► General purpose line drivers
► Telecom switches
General Description
This low threshold, enhancement-mode (normally-off)
transistor utilizes a vertical DMOS structure and Supertex’s
well-proven, silicon-gate manufacturing process. This
combination produces a device with the power handling
capabilities of bipolar transistors and the high input impedance
and positive temperature coefficient inherent in MOS devices.
Characteristic of all MOS structures, this device is free
from thermal runaway and thermally-induced secondary
breakdown.
Supertex’s vertical DMOS FETs are ideally suited to a wide
range of switching and amplifying applications where very
low threshold voltage, high breakdown voltage, high input
impedance, low input capacitance, and fast switching speeds
are desired.
P-Channel Enhancement-Mode
Vertical DMOS FET
Absolute Maximum Ratings
Parameter
Value
Drain-to-source voltage
BV
DSS
Drain-to-gate voltage
BV
DGS
Gate-to-source voltage
±20V
Operating and storage temperature
-55OC to +150OC
Absolute Maximum Ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. Continuous
operation of the device at the absolute rating level may affect device reliability. All
voltages are referenced to device ground.
Pin Configuration
TO-92 (N3)
GATE
SOURCE
DRAIN
YY = Year Sealed
WW = Week Sealed
= “Green” Packaging
SiTP
0604
YYWW
TO-92 (N3)
Product Marking
Package may or may not include the following marks: Si or
Ordering Information
Part Number
Package Option
Packing
TP0604N3-G
3-Lead TO-92
1000/Bag
TP0604N3-G P002
3-Lead TO-92
2000/Reel
TP0604N3-G P003
TP0604N3-G P005
TP0604N3-G P013
TP0604N3-G P014
TP2404NW
Die in wafer form
---
TP2404NJ
Die on adhesive tape ---
TP2404ND
Die in waffle pack
---
Product Summary
BV
DSS/BVDGS
(V)
R
DS(ON)
(max) (Ω)
I
D(ON)
(min) (A)
V
GS(th)
(max) (V)
-40
2.0
-2.0
-2.4
For packaged products, -G indicates package is RoHS compliant (‘Green’).
TO-92 taping specifications and winding styles per EIA-468 Standard.
Devices in Wafer / Die form are RoHS compliant (‘Green’).
Refer to Die Specification VF57 for layout and dimensions.


Similar Part No. - TP0604

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TP0604 SUTEX-TP0604 Datasheet
480Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
logo
Microchip Technology
TP0604 MICROCHIP-TP0604 Datasheet
311Kb / 14P
P-Channel Enhancement-Mode Vertical DMOS FET
05/14/19
logo
Supertex, Inc
TP0604N3 SUTEX-TP0604N3 Datasheet
480Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
logo
Microchip Technology
TP0604N3G MICROCHIP-TP0604N3G Datasheet
311Kb / 14P
P-Channel Enhancement-Mode Vertical DMOS FET
05/14/19
logo
Supertex, Inc
TP0604WG SUTEX-TP0604WG Datasheet
480Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
More results

Similar Description - TP0604

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BS250F ZETEX-BS250F Datasheet
80Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2106A ZETEX-ZVP2106A Datasheet
51Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2110A ZETEX-ZVP2110A Datasheet
65Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2120G ZETEX-ZVP2120G Datasheet
74Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP3306F ZETEX-ZVP3306F Datasheet
109Kb / 2P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP4105A ZETEX-ZVP4105A Datasheet
49Kb / 1P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVP4105A DIODES-ZVP4105A Datasheet
60Kb / 1P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
MARCH 1994
ZVP3310A DIODES-ZVP3310A_15 Datasheet
94Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
MARCH 1994
logo
Supertex, Inc
TP5335 SUTEX-TP5335_13 Datasheet
582Kb / 3P
P-Channel Enhancement-Mode Vertical DMOS FET
logo
Microchip Technology
VP0106 MICROCHIP-VP0106 Datasheet
759Kb / 14P
P-Channel Enhancement-Mode Vertical DMOS FET
Rev. A April 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com