Electronic Components Datasheet Search
  English  ▼

X  

TP0604 Datasheet(PDF) 3 Page - Supertex, Inc

Part # TP0604
Description  P-Channel Enhancement-Mode Vertical DMOS FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP0604 Datasheet(HTML) 3 Page - Supertex, Inc

  TP0604 Datasheet HTML 1Page - Supertex, Inc TP0604 Datasheet HTML 2Page - Supertex, Inc TP0604 Datasheet HTML 3Page - Supertex, Inc TP0604 Datasheet HTML 4Page - Supertex, Inc TP0604 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
TP0604
Supertex inc.
www.supertex.com
Doc.# DSFP-TP0604
C082012
Typical Performance Curves
Saturation Characteristics
0
-2.0
-4.0
-6.0
-8.0
-10
Power Dissipation vs. Case Temperature
0
150
100
50
2.0
1.0
125
75
25
0
-5
-4
-3
-2
-1
0
-6V
-8V
-4V
TO-92
T
C (
O
C)
V
DS (volts)
V
GS = -10V
Thermal Response Characteristics
1.0
0.8
0.6
0.4
0.2
0.001
0.01
0.1
1.0
10
0
t
p (seconds)
TO-92
P
D = 1.0W
T
C = 25
O
C
Output Characteristics
-5
-4
-3
-2
-1
0
0
-10
-20
-30
-40
V
DS (volts)
Maximum Rated Safe Operating Area
-1
-10
-100
-1000
-0.1
-1.0
-10
-0.01
T
C = 25
O
C
TO-92 (DC)
V
DS (volts)
Transconductance vs. Drain Current
T
A = -55
O
C
I
D (amperes)
V
DS = -25V
T
A = -150
O
C
T
A = 25
O
C
1.0
0.8
0.6
0.4
0.2
0
0
-1.0
-2.0
-3.0
-5V
-7V
-9V
-6V
-8V
-4V
V
GS = -10V
-5V
-7V
-9V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com