Electronic Components Datasheet Search
  English  ▼

X  

VP2106 Datasheet(PDF) 4 Page - Supertex, Inc

Part # VP2106
Description  P-Channel Enhancement-Mode Vertical DMOS FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

VP2106 Datasheet(HTML) 4 Page - Supertex, Inc

  VP2106 Datasheet HTML 1Page - Supertex, Inc VP2106 Datasheet HTML 2Page - Supertex, Inc VP2106 Datasheet HTML 3Page - Supertex, Inc VP2106 Datasheet HTML 4Page - Supertex, Inc VP2106 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
VP2106
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
Typical Performance Curves (cont.)
Gate Drive Dynamic Characteristics
On-Resistance vs. Drain Current
Transfer Characteristics
Capacitance vs. Drain-to-Source Voltage
100
75
50
25
0
0
-10
-20
-30
-40
0
-2.0
-4.0
-6.0
-8.0
-10
-1.0
-0.8
-0.6
-0.4
-0.2
0
-50
0
50
100
150
-1.1
-1.0
-0.9
20
16
12
8.0
6.0
4.0
2.0
0
1.4
1.2
1.0
0.8
0.6
-10
-8.0
-6.0
-4.0
-2.0
0
0
1.0
2.0
-50
0
50
100
150
35 pF
0
-0.2
-0.4
-0.6
-0.8
-1.0
f = 1.0MHz
C
ISS
C
OSS
C
RSS
101 pF
2.0
1.6
1.2
0.8
0.4
0
V
(th) @ 1.0mA
R
DS(ON) @ -10V. 0.5A
T
j (
O
C)
I
D (amperes)
BV
DSS Variation with Temperature
V
GS = -5.0V
V
(th) and RDS Variation with Temperature
V
GS (volts)
V
DS = -25V
T
A = -55
O
C
Q
G (nanocoulombs)
V
DS (volts)
V
DS = -10V
V
GS = -10V
T
j (
O
C)
25OC
125OC
V
DS = -40V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com