Electronic Components Datasheet Search
  English  ▼

X  

P29045 Datasheet(PDF) 5 Page - Amphenol Corporation

Part # P29045
Description  FACTORY AUTOMATION POWER AND CONTROL MEDIA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P29045 Datasheet(HTML) 5 Page - Amphenol Corporation

  P29045 Datasheet HTML 1Page - Amphenol Corporation P29045 Datasheet HTML 2Page - Amphenol Corporation P29045 Datasheet HTML 3Page - Amphenol Corporation P29045 Datasheet HTML 4Page - Amphenol Corporation P29045 Datasheet HTML 5Page - Amphenol Corporation P29045 Datasheet HTML 6Page - Amphenol Corporation P29045 Datasheet HTML 7Page - Amphenol Corporation P29045 Datasheet HTML 8Page - Amphenol Corporation P29045 Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
2
www.sineco.com
DIMENSIONS - Male Straight (Exterior Thread)
DIMENSIONS - Female Straight / Male Straight
DIMENSIONS - Male 90° (Exterior Thread)
DIMENSIONS - Female 90° / Male 90°
FIG 3
FIG 4
FIG 2
FIG 1
miniBOSS™ Single-Ended Cordsets - FEMALE
with 16AWG 600V Plugs, STOOW Cable
Female
FIG*
2P
3P
4P
5P
6P
Straight
2
MN24AC01Mxxx
MN34AC01Mxxx
MN44AC01Mxxx
MN54AC01Mxxx
MN64AC01Mxxx
90°
4
MN24BC01Mxxx
MN34BC01Mxxx
MN44BC01Mxxx
MN54BC01Mxxx
MN64BC01Mxxx
FIG*: Reference Dimensions below.
I Mxxx = length in meters. I Standard lengths offerred: 1, 3, 6, 10, 15 (meters)
miniBOSS™ Single-Ended Cordsets - MALE
with 16AWG 600V Plugs, STOOW Cable
Male
FIG*
2P
3P
4P
5P
6P
Straight
2
MN23AC01Mxxx
MN33AC01Mxxx
MN43AC01Mxxx
MN53AC01Mxxx
MN63AC01Mxxx
90°
4
MN23BC01Mxxx
MN33BC01Mxxx
MN43BC01Mxxx
MN53BC01Mxxx
MN63BC01Mxxx
FIG*: Reference Dimensions below.
I Mxxx = length in meters. I Standard lengths offerred: 1, 3, 6, 10, 15 (meters)
Custom Options: Contact your Sales Representative.
Coupler Options: Stainless Steel, Plastic
All Dimensions in: Inch [mm]
2.38 [60.39]
1.00 [25.40]
2.32 [58.84]
1.00 [25.40]
1.27 [32.28]
1.00 [25.40]
1.30 [33.00]
1.27 [32.28]
1.00 [25.40]
1.30 [33.00mm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com