Electronic Components Datasheet Search
  English  ▼

X  

P29045 Datasheet(PDF) 22 Page - Amphenol Corporation

Part # P29045
Description  FACTORY AUTOMATION POWER AND CONTROL MEDIA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P29045 Datasheet(HTML) 22 Page - Amphenol Corporation

Back Button P29045 Datasheet HTML 18Page - Amphenol Corporation P29045 Datasheet HTML 19Page - Amphenol Corporation P29045 Datasheet HTML 20Page - Amphenol Corporation P29045 Datasheet HTML 21Page - Amphenol Corporation P29045 Datasheet HTML 22Page - Amphenol Corporation P29045 Datasheet HTML 23Page - Amphenol Corporation P29045 Datasheet HTML 24Page - Amphenol Corporation P29045 Datasheet HTML 25Page - Amphenol Corporation P29045 Datasheet HTML 26Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
19
ControlPower™ Double-Ended Patchcords
with 16AWG, 600V, TC-ER/STOOW Cable
NOTE: This product is fully compatible with Allen-Bradley ArmorStart Drives.
Female/Male
FIG*
6P/5 Used
Straight/Straight
1,2
MN657A4AC03Mxxx
90°/Straight
1,4
MN657A4BC03Mxxx
Straight/ 90°
2,3
MN657B4AC03Mxxx
90°/90°
3,4
MN657B4BC03Mxxx
FIG*: Reference Dimensions on Page 20.
I Mxxx = length in meters. I Standard lengths offerred: .5, 1, 1.5, 2, 2.5, 3, 4, 5, 6, 8, 10, 12, 14 (meters)
ControlPower™ Patchcords and Cordsets
6P/5 Used
Male
Face View
Color Code
1 - Red
2 - Black
3 - Green
4 - Not Used
5 - Blue
6 - White
Voltage
600 V
Current
10 A
Conductor
16 AWG
ControlPower™ System
ENVIRONMENTAL
TEMPERATURE RANGE
-20°C to +105°C
PROTECTION
IP 67, NEMA 6P
CABLE
Black PVC jacket
UL listed dual-rated TC-ER and STOOW
PVC insulated #16 AWG stranded copper (65 x #34)
CSA certified type STOOW
CABLE DIAMETER
.49” [12.5MM]
600V, 90°C dry and 75°C wet (TC-ER), 105°C (STOOW)
TECHNICAL DATA
VOLTAGE RATING
600VAC/600VDC
CONTACT PLATING
5µ inches (min) Gold, over 25µ
inches (min) Nickel
AMPERAGE
10A
CONNECTOR FACE
PVC
BODY
Oil resistant PVC
COUPLER
Machined Aluminum, Anodized
CONTACTS
Copper Alloy
RECEPTACLE HOUSING
Machined Aluminum, Anodized
Custom Options: Contact your Sales Representative. Coupler Options: Stainless Steel, Plastic
Allen-Bradley and ArmorStart are trademarks of Rockwell Automation Inc. All rights reserved.
ControlPower™
1
2
3
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com